| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC5554MZP80 bảng dữ liệu(PDF) 30 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC5554MZP80 bảng dữ liệu(HTML) 30 Page - Freescale Semiconductor, Inc |
|
30 / 50 page ![]() MPC5554 Microcontroller Data Sheet, Rev. 1.4 Electrical Characteristics Freescale Semiconductor 30 3.13.3 Nexus Timing Figure 9. Nexus Output Timing Table 21. Nexus Debug Port Timing1 1 JTAG specifications in this table apply when used for debug functionality. All Nexus timing relative to MCKO is measured from 50% of MCKO and 50% of the respective signal. Nexus timing specified at VDD = 1.35V to 1.65V, VDDE = 2.25V to 3.6V, VDD33 and VDDSYN = 3.0V to 3.6V, TA = TL to TH, and CL = 30pF with DSC = 0b10. Num Characteristic Symbol Min Max Unit 1 MCKO Cycle Time tMCYC 22 2 The Nexus AUX port can only run up to 82MHz. The NPC_PCR[MCKO_DIV] must be set to divide by 2 if the system frequency is above 82MHz 8tCYC 2 MCKO Duty Cycle tMDC 40 60 % 3 MCKO Low to MDO Data Valid3 3 MDO, MSEO, and EVTO data is held valid until next MCKO low cycle. tMDOV –1.5 3.0 ns 4 MCKO Low to MSEO Data Valid3 tMSEOV –1.5 3.0 ns 5 MCKO Low to EVTO Data Valid3 tEVTOV –1.5 3.0 ns 6 EVTI Pulse Width tEVTIPW 4.0 — tTCYC 7 EVTO Pulse Width tEVTOPW 1tMCYC 8 TCK Cycle Time tTCYC 44 4 The maximum frequency must be limited to approximately 16 MHz (VDDE= 2.25 to 3.0 volts) or 22 MHz (VDDE= 3.0 to 3.6 volts) to meet the timing specification for tJOV of 0.2 x tJCYC as outlined in the IEEE-ISTO 5001-2003 specification. —tCYC 9 TCK Duty Cycle tTDC 40 60 % 10 TDI, TMS Data Setup Time tNTDIS, tNTMSS 8— ns 11 TDI, TMS Data Hold Time tNTDIH, tNTMSH 5— ns 12 TCK Low to TDO Data Valid tJOV VDDE = 2.25 to 3.0 volts 0 12 ns VDDE = 3.0 to 3.6 volts 0 9 ns 13 RDY Valid to MCKO5 5 The RDY pin timing is asynchronous to MCKO. The timing is guaranteed by design to function correctly. —— — — 1 2 3 4 5 MCKO MDO MSEO EVTO Output Data Valid |