công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BSC034N03 bảng dữ liệu(PDF) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

tên linh kiện BSC034N03
Giải thích chi tiết về linh kiện  N-Ch 30V Fast Switching MOSFETs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EVVOSEMI [EVER SEMICONDUCTOR CO.,LIMITED]
Trang chủ  https://www.evvosemi.com
Logo EVVOSEMI - EVER SEMICONDUCTOR CO.,LIMITED

BSC034N03 bảng dữ liệu(HTML) 2 Page - EVER SEMICONDUCTOR CO.,LIMITED

  BSC034N03 Datasheet HTML 1Page - EVER SEMICONDUCTOR CO.,LIMITED BSC034N03 Datasheet HTML 2Page - EVER SEMICONDUCTOR CO.,LIMITED BSC034N03 Datasheet HTML 3Page - EVER SEMICONDUCTOR CO.,LIMITED BSC034N03 Datasheet HTML 4Page - EVER SEMICONDUCTOR CO.,LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
BVDSS
Drain-Source Breakdown Voltage
VGS=0V , ID=250uA
30
---
---
V
VGS=10V , ID=20
Static Drain-Source On-Resistance
RDS(ON)
2
A
---
3
3.8
m
VGS=4.5V , ID=15A
---
3.8
5.8
VGS(th)
Gate Threshold Voltage
VGS=VDS , ID =250uA
1.2
1.7
2.5
V
IDSS
VDS=30V , VGS=0V , TJ=25
Drain-Source Leakage Current
℃
---
---
1
uA
VDS=30V , VGS=0V , TJ=55℃
---
---
5
IGSS
VGS=±20V , VDS
Gate-Source Leakage Current
=0V
---
±10
---
0
nA
gfs
Forward Transconductance
VDS=5V , ID=20A
---
75
---
S
Qg
Total Gate Charge (4.5V)
VDS=20V , VGS=4.5V , ID=20A
---
23.4
---
nC
Qgs
Gate-Source Charge
---
11.4
---
Qgd
Gate-Drain Charge
---
8.2
---
Td(on)
Turn-On Delay Time
VDD=15V , VGS=10V , RG=1.5
ID=20A
---
12.6
---
ns
Tr
Rise Time
---
9.6
---
Td(off)
Turn-Off Delay Time
---
55
---
Tf
Fall Time
---
5.6
---
Ciss
Input Capacitance
VDS=15V , VGS=0V , f=1MHz
---
2461
---
pF
Coss
Output Capacitance
---
383
---
Crss
Reverse Transfer Capacitance
---
261
---
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Continuous Source Current1,
IS
5
VG=VD=0V , Force Current
---
---
40
A
VGS=0V , IS=1A , TJ=25
Diode Forward Voltage
VSD
2
℃
---
---
1
V
Note :
1.The data tested by surface mounted on a 1 inch2 FR-4 board with 2OZ copper.
2.The data tested by pulsed , pulse width ≦ 300us , duty cycle ≦ 2%
3.The EAS data shows Max. rating . The test condition is VDD=25V,VGS=10V,L=0.1mH,IAS=53.8A
4.The power dissipation is limited by 150℃ junction temperature
5.The data is theoretically the same as ID and IDM , in real applications , should be limited by total power dissipation.
6.The maximum current rating is package limited.
Electrical Characteristics (TJ=25 ℃, unless otherwise noted)
Diode Characteristics
BSC034N03
N-Ch 30V Fast Switching MOSFETs
Rev:2023A2
2



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com