công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33710EWR2 bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc

tên linh kiện PC33710EWR2
Giải thích chi tiết về linh kiện  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33710EWR2 bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button PC33710EWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
Analog Integrated Circuit Device Data
8
Freescale Semiconductor
34710
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
DYNAMIC ELECTRICAL CHARACTERISTICS
Characteristics noted under conditions 4.75 V ≤ VIO ≤ 5.25 V, 13 V ≤ VB+ ≤ 32 V, and 0°C ≤ TJ ≤ 105°C unless otherwise noted.
Typical values noted reflect the approximate parameter mean at TA = 25°C under nominal conditions unless otherwise noted
Characteristic
Symbol
Min
Typ
Max
Unit
VI/O SWITCHING REGULATOR
Duty Cycle
D
45
49
55
%
Switching Rise and Fall Time
Load Resistance = 100 Ω, VB+ = 30 V
tR, tF
20
35
50
ns
SUPERVISOR CIRCUITRY (RST)
RST
Delay
Cdelay = 0.1 µF
tDELAY
40
60
80
ms
RST
Filter Time
VB+ = 9.0 V
tFILTER
2.0
4.0
8.0
µ
s
RST
Fall Time
CL = 100 pF, RPULLUP = 4.7 kΩ, 90% to 10%
tF
–
25
75
ns
C Delay
Charge Current
Threshold Voltage
ICDLY
VTHCD
2.0
1.7
3.5
2.0
5.0
2.2
µ
A
V
INTERNAL OSCILLATOR
Charge Pump and VI/O Switching Regulator Operating Frequency
VB+ = 12 V to 32 V
fOP
140
170
260
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com