công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PC33710EWR2 bảng dữ liệu(PDF) 3 Page - Freescale Semiconductor, Inc

tên linh kiện PC33710EWR2
Giải thích chi tiết về linh kiện  Dual Output DC-DC & Linear Regulator IC
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FREESCALE [Freescale Semiconductor, Inc]
Trang chủ  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC33710EWR2 bảng dữ liệu(HTML) 3 Page - Freescale Semiconductor, Inc

  PC33710EWR2 Datasheet HTML 1Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc PC33710EWR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
3
34710
TERMINAL CONNECTIONS
TERMINAL CONNECTIONS
Figure 3. 34710 Terminal Connections
Table 1. 34710 Terminal Definitions
Terminal
Number
Terminal
Name
Terminal
Function
Formal Name
Definition
1
RST
Reset
Reset
Reset is an open drain output only.
2
3
4
Mode0
Mode1
Mode2
Input
Mode Control
These input terminals control VFB and VCORE output voltages.
5–12,
14–22, 24
NC
NC
No Connects
No internal connection to this terminal.
13
GND
Ground
Ground
Ground.
23
VCORE
Output
Core Voltage
Regulator Output
Core regulator output voltage.
25
LINB+
Input
Core Voltage
Regulator Input
Core regulator input voltage.
26
VFB
Input
VI/O Switching
Regulator
Feedback
Feedback terminal for VI/O switching regulator and internal logic supply.
27
VSWITCH
Output
VI/O Switching
Regulator Switch
Output
VI/O switching regulator switching output.
28
B+
Input
Power Supply
Input
Regulator input voltage.
29
VB
Output
Boost Voltage
Boost voltage storage node.
30
CP2
Passive
Component
CP Capacitor
Positive
Charge pump capacitor connection 2.
31
CP1
Passive
Component
CP Capacitor
Negative
Charge pump capacitor connection 1.
32
CT
Passive
Component
Reset Delay
Capacitor
Reset delay adjustment capacitor.
1
8
9
10
11
12
13
14
15
16
3
4
5
6
7
2
32
25
24
23
22
21
20
19
18
17
30
29
28
27
26
31
CT
CP1
CP2
VB
B+
VSWITCH
VFB
LINB+
N/C
VCORE
N/C
N/C
N/C
N/C
N/C
N/C
RST
MODE0
MODE1
MODE2
N/C
N/C
N/C
N/C
N/C
N/C
N/C
N/C
GND
N/C
N/C
N/C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com