công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3KP40C bảng dữ liệu(PDF) 1 Page - Won-Top Electronics

tên linh kiện 3KP40C
Giải thích chi tiết về linh kiện  3000W TRANSIENT VOLTAGE SUPPRESSOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  WTE [Won-Top Electronics]
Trang chủ  http://www.wontop.com
Logo WTE - Won-Top Electronics

3KP40C bảng dữ liệu(HTML) 1 Page - Won-Top Electronics

  3KP40C Datasheet HTML 1Page - Won-Top Electronics 3KP40C Datasheet HTML 2Page - Won-Top Electronics 3KP40C Datasheet HTML 3Page - Won-Top Electronics 3KP40C Datasheet HTML 4Page - Won-Top Electronics 3KP40C Datasheet HTML 5Page - Won-Top Electronics 3KP40C Datasheet HTML 6Page - Won-Top Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Won-Top Electronics Co., Ltd.
www.wontop.com
Revision: September, 2012
1
Pb
Features
Glass Passivated Die Construction
3000W Peak Pulse Power Dissipation
5.0V – 440V Standoff Voltage
A
B
A
Uni- and Bi-Directional Versions Available
Excellent Clamping Voltage
Typical Response Time < 1nS
Plastic Case Material has UL Flammability
Classification Rating 94V-0
C
Mechanical Data
D
Case: P-600, Molded Plastic
Terminals: Plated Leads Solderable per
MIL-STD-202, Method 208
Polarity: Cathode Band Except Bi-Directional
Weight: 2.10 grams (approx.)
Mounting Position: Any
Marking: Type Number
Lead Free: For RoHS / Lead Free Version,
Add “-LF” Suffix to Part Number, See Page 6
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation on 10/1000µS Waveform (Note 1, 2, 5)
PPPM
3000
W
Peak Pulse Current on 10/1000µS Waveform (Note 1)
IPPM
See Table 1
A
Peak Forward Surge Current (Note 2, 3)
IFSM
300
A
Maximum Instantaneous Forward Voltage at 100A (Note 3, 4)
VF
3.5 / 5.0
V
Power Dissipation at TL = 75°C (Note 2)
PD
7.0
W
Typical Thermal Resistance, Junction to Ambient (Note 2)
Typical Thermal Resistance, Junction to Lead (Note 2)
RθJA
RθJL
40
8.0
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Note: 1. Non-repetitive current pulse per Figure 5 and derated above TA = 25°C per Figure 1.
2. Mounted on 20 x 20 x 1.0mm thick copper pads to each terminal that maintained at a distance of 9.5mm from the case.
3. Measured on 8.3ms single half sine-wave, duty cycle = 4 pulses per minute maximum. For uni-directional devices only.
4. VF < 3.5V for VBR ≤ 200V and VF < 5.0V for VBR ≥ 201V.
5. Peak pulse power waveform is 10/1000µS.
3KP SERIES
3000W TRANSIENT VOLTAGE SUPPRESSOR
WON-TOP ELECTRONICS
®
P-600
Dim
Min
Max
A
25.4
—
B
8.60
9.10
C
1.20
1.30
D
8.60
9.10
All Dimensions in mm


Số phần tương tự - 3KP40C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Pan Jit International I...
3KP40C PANJIT-3KP40C Datasheet
173Kb / 6P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 5.0 TO 170 Volts 3000 Watt Peak Pulse Power)
logo
Surge Components
3KP40C SURGE-3KP40C Datasheet
206Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE-5.0 to 170 Volts?
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
68Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSORS
logo
Formosa MS
3KP40C FORMOSA-3KP40C Datasheet
69Kb / 4P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 3000 Watt Peak Power VOLTAGE - 5.0 to 220 Volts
logo
Won-Top Electronics
3KP40C WTE-3KP40C Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - 3KP40C

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Won-Top Electronics
3KP WTE-3KP_06 Datasheet
82Kb / 6P
3000W TRANSIENT VOLTAGE SUPPRESSOR
3KP180 WTE-3KP180 Datasheet
72Kb / 5P
3000W TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
3KP5.0A TAITRON-3KP5.0A Datasheet
222Kb / 6P
3000W Transient Voltage Suppressor
logo
Weitron Technology
3.0SMCJ WEITRON-3.0SMCJ Datasheet
330Kb / 4P
3000W Surface Mount Transient Voltage Suppressor
logo
Diodes Incorporated
3.0SMCJ58A-13 DIODES-3.0SMCJ58A-13 Datasheet
99Kb / 4P
3000W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Rev erse
logo
Comchip Technology
3KP-G COMCHIP-3KP-G Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
3KP-HF COMCHIP-3KP-HF Datasheet
308Kb / 5P
3000W Transient Voltage Suppressor
logo
WeEn Semiconductors
SMDJ WEEN-SMDJ Datasheet
591Kb / 7P
3000W Transient Voltage Suppressor
logo
Shanghai Leiditech Elec...
3KP LEIDITECH-3KP Datasheet
819Kb / 5P
3000W Transient Voltage Suppressor
SMB30J LEIDITECH-SMB30J Datasheet
656Kb / 4P
3000W Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5 6


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com