| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
33793 bảng dữ liệu(PDF) 24 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
33793 bảng dữ liệu(HTML) 24 Page - Freescale Semiconductor, Inc |
|
24 / 27 page ![]() Analog Integrated Circuit Device Data 24 Freescale Semiconductor 33793 TYPICAL APPLICATIONS • Device will respond to further commands at address 0 (such as setting and clearing the I/O bits and LOGOUT) but there is no response (Master will read all zeros). If the devices are connected in a daisy chain, then only the fist device will respond. • Subsequent writes to re-initialize the device will not be possible until the device is cleared. |