| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8366 bảng dữ liệu(PDF) 82 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8366 bảng dữ liệu(HTML) 82 Page - Freescale Semiconductor, Inc |
|
82 / 184 page ![]() 56F8366 Technical Data, Rev. 6 82 Freescale Semiconductor Preliminary 4.8 Factory Programmed Memory The Boot Flash memory block is programmed during manufacturing with a default Serial Bootloader program. The Serial Bootloader application can be used to load a user application into the Program and Data Flash (NOT available in the 56F8166 device) memories of the device. The 56F83xx SCI/CAN Bootloader User Manual (MC56F83xxBLUM) provides detailed information on this firmware. An application note, Production Flash Programming (AN1973), details how the Serial Bootloader program can be used to perform production flash programming of the on board flash memories as well as other potential methods. Like all the flash memory blocks the Boot Flash can be erased and programmed by the user. The Serial Bootloader application is programmed as an aid to the end user, but is not required to be used or maintained in the Boot Flash memory. FC2MB13_DATA $AC Message Buffer 13 Data Register FC2MB13_DATA $AD Message Buffer 13 Data Register FC2MB13_DATA $AE Message Buffer 13 Data Register Reserved FC2MB14_CONTROL $B0 Message Buffer 14 Control / Status Register FC2MB14_ID_HIGH $B1 Message Buffer 14 ID High Register FC2MB14_ID_LOW $B2 Message Buffer 14 ID Low Register FC2MB14_DATA $B3 Message Buffer 14 Data Register FC2MB14_DATA $B4 Message Buffer 14 Data Register FC2MB14_DATA $B5 Message Buffer 14 Data Register FC2MB14_DATA $B6 Message Buffer 14 Data Register Reserved FC2MB15_CONTROL $B8 Message Buffer 15 Control / Status Register FC2MB15_ID_HIGH $B9 Message Buffer 15 ID High Register FC2MB15_ID_LOW $BA Message Buffer 15 ID Low Register FC2MB15_DATA $BB Message Buffer 15 Data Register FC2MB15_DATA $BC Message Buffer 15 Data Register FC2MB15_DATA $BD Message Buffer 15 Data Register FC2MB15_DATA $BE Message Buffer 15 Data Register Reserved Table 4-39 FlexCAN2 Registers Address Map (Continued) (FC2_BASE = $00 FA00) FlexCAN2 is NOT available in the 56F8166 device Register Acronym Address Offset Register Description |