| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
56F8366 bảng dữ liệu(PDF) 70 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
56F8366 bảng dữ liệu(HTML) 70 Page - Freescale Semiconductor, Inc |
|
70 / 184 page ![]() 56F8366 Technical Data, Rev. 6 70 Freescale Semiconductor Preliminary Table 4-33 GPIOE Registers Address Map (GPIOE_BASE = $00 F330) Register Acronym Address Offset Register Description Reset Value GPIOE_PUR $0 Pull-up Enable Register 0 x 3FFF GPIOE_DR $1 Data Register 0 x 0000 GPIOE_DDR $2 Data Direction Register 0 x 0000 GPIOE_PER $3 Peripheral Enable Register 0 x 3FFF GPIOE_IAR $4 Interrupt Assert Register 0 x 0000 GPIOE_IENR $5 Interrupt Enable Register 0 x 0000 GPIOE_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOE_IPR $7 Interrupt Pending Register 0 x 0000 GPIOE_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOE_PPMODE $9 Push-Pull Mode Register 0 x 3FFF GPIOE_RAWDATA $A Raw Data Input Register — Table 4-34 GPIOF Registers Address Map (GPIOF_BASE = $00 F340) Register Acronym Address Offset Register Description Reset Value GPIOF_PUR $0 Pull-up Enable Register 0 x FFFF GPIOF_DR $1 Data Register 0 x 0000 GPIOF_DDR $2 Data Direction Register 0 x 0000 GPIOF_PER $3 Peripheral Enable Register 0 x FFFF GPIOF_IAR $4 Interrupt Assert Register 0 x 0000 GPIOF_IENR $5 Interrupt Enable Register 0 x 0000 GPIOF_IPOLR $6 Interrupt Polarity Register 0 x 0000 GPIOF_IPR $7 Interrupt Pending Register 0 x 0000 GPIOF_IESR $8 Interrupt Edge-Sensitive Register 0 x 0000 GPIOF_PPMODE $9 Push-Pull Mode Register 0 x FFFF GPIOF_RAWDATA $A Raw Data Input Register — |