| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NITROGEND2 bảng dữ liệu(PDF) 22 Page - C-Media Electronics |
|
|
|||||||||||||||||||||||||||||
NITROGEND2 bảng dữ liệu(HTML) 22 Page - C-Media Electronics |
|
22 / 28 page ![]() Nitrogen D2 USB Audio With Dolby Digital Live and DTS Interactive Solution Date: 09/25/2005 Version: 1.02 - 22 - enjoyment. C-Media DDL or DTS INTERACTIVE encoder solution not only retains the above functions, but also provides other possible applications on PC audio. Xear 3D™ plus AC-3 or DTS encoder sound solution can process any type of sound sources, and people are able to obtain 7.1CH output by using virtual SPEAKER SHIFTER™ to create optimized personal listening environment. 3.In terms of 3D gaming, C-Media Xear 3D™ sound engine for Dolby Digital Live or DTS INTERACTIVE encoder are far better than Window DirectX 3D sound emulator, in that it is powered by sophisticated HRTF (Head Related Transfer Function) library, supporting environmental effects (EAX 1.0 & 2.0 compatible) to create highly immersive 3D gaming experience. All interactive sound effects of 3D game can real-time encoding to AC-3 or DTS INTERACTIVE bit-stream and getting high quality digital signal to external decoder and speakers for enjoyment. |