công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NITROGEND2 bảng dữ liệu(PDF) 7 Page - C-Media Electronics

tên linh kiện NITROGEND2
Giải thích chi tiết về linh kiện  16-Bit Stereo USB Audio Controller
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  CMEDIA [C-Media Electronics]
Trang chủ  http://www.cmedia.com.tw
Logo CMEDIA - C-Media Electronics

NITROGEND2 bảng dữ liệu(HTML) 7 Page - C-Media Electronics

Back Button NITROGEND2 Datasheet HTML 3Page - C-Media Electronics NITROGEND2 Datasheet HTML 4Page - C-Media Electronics NITROGEND2 Datasheet HTML 5Page - C-Media Electronics NITROGEND2 Datasheet HTML 6Page - C-Media Electronics NITROGEND2 Datasheet HTML 7Page - C-Media Electronics NITROGEND2 Datasheet HTML 8Page - C-Media Electronics NITROGEND2 Datasheet HTML 9Page - C-Media Electronics NITROGEND2 Datasheet HTML 10Page - C-Media Electronics NITROGEND2 Datasheet HTML 11Page - C-Media Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
Nitrogen D2
USB Audio With Dolby Digital Live and DTS Interactive Solution
Date: 09/25/2005
Version: 1.02
- 7 -
Support Dynamic Range Control (DRC) Feature to Provide a Better Listen Experience
Embedded Power-On-Reset Block
Embedded 5V to 3.3V Regulator with Voltage Level Detector for Single 5V External
Power Supply
Embedded Temperature Protection Circuit
Embedded X2 Modulation for Higher Audio Quality
Embedded Anti-Pop Circuit with Internal Feedback Structure
Single 12MHz Crystal Input with Embedded PLL
Isochronous Transfer using Adaptive Synchronization with Internal PLL
External EEPROM Interface for Vendor Specific VID / PID / Product String
EEPROM Read / Write Function via Vendor Specific Request for Mass Production
Convenience
Analog Volume Control Input with Simple External VR Circuit
Digital Volume Control Input with Digital Rotary Encoder or
Vol_up / Vol_dn /
Play_mute Bottoms
Vol_up / Vol_dn / Play_mute Pins and Digital Rotary Encoder Interface
Support USB HID Devices Class Ver1.11 for Host Volume Control
Synchronization
3.3V I/O with 5V Tolerance
Dolby® Digital Audio Streaming via S/PDIF Output
Supports USB Suspend / Resume Mode and Remote Wakeup with Digital Volume
Control Pins
LED Indicator Pin During Playback
1 GPIO pin for Application Specific Usage
Dolby Digital Live Software Sound Technology Bundle
Digital Theater System (DTS Interactive) Software Sound Technology Bundle
USB Software Driver Compatible with Win 98SE / Win ME / Win 2000 / Win
XP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com