| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA88C00-PDW48I-R bảng dữ liệu(PDF) 39 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA88C00-PDW48I-R bảng dữ liệu(HTML) 39 Page - InnovASIC, Inc |
|
39 / 80 page ![]() IA88C00 Data Sheet Microcontroller As of Production Version -01 Copyright © 2005 ENG 21 0 050519-00 www.Innovasic Innovasic.com Innovasic Semiconductor Page 39 of 80 1.888.824.4184 The Port 4 Direction register defines the I/O direction of Port 4 on a bit basis. If a bit of this register is a 1, the corresponding bit of Port 4 is configured as and input line. If the bit is a 0, the corresponding bit of Port 4 is configured as and output line. D0-D7 - P40-P47 Mode, 0 = Output, 1 = Input. |