công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P1 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện AM263P1
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P1 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button AM263P1 Datasheet HTML 9Page - Texas Instruments AM263P1 Datasheet HTML 10Page - Texas Instruments AM263P1 Datasheet HTML 11Page - Texas Instruments AM263P1 Datasheet HTML 12Page - Texas Instruments AM263P1 Datasheet HTML 13Page - Texas Instruments AM263P1 Datasheet HTML 14Page - Texas Instruments AM263P1 Datasheet HTML 15Page - Texas Instruments AM263P1 Datasheet HTML 16Page - Texas Instruments AM263P1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 164 page
background image
5.2 Pin Attributes
The following list describes the contents of each column in the Pin Attributes table:
1. Ball Number: Ball numbers assigned to each terminal of the Ball Grid Array package.
2. Ball Name: Ball name assigned to each terminal of the Ball Grid Array package (this name is typically taken
from the primary MUXMODE 0 signal function).
3. Signal Name: Signal name of all dedicated and pin multiplexed signal functions associated with a ball.
Note
The Pin Attributes table, defines the SoC pin multiplexed signal function implemented at the pin
and does not define secondary multiplexing of signal functions implemented in device subsystems.
Secondary multiplexing of signal functions are not described in this table. For more information on
secondary multiplexed signal functions, see the respective peripheral chapter of the device TRM.
4. Mux Mode: The MUXMODE value associated with each pin multiplexed signal function:
• MUXMODE 0 is the primary pin multiplexed signal function. However, the primary pin multiplexed signal
function is not necessarily the default pin multiplexed signal function.
• MUXMODE values 1 through 15 are possible for pin multiplexed signal functions. However, not all
MUXMODE values have been implemented. The only valid MUXMODE values are those defined as pin
multiplexed signal functions within the Pin Attributes table. Only defined valid values of MUXMODE can
be used.
• Bootstrap defines SOC configuration pins, where the logic state applied to each pin is latched on
the rising edge of PORz. These input signal functions are fixed to their respective pins and are not
programmable via MUXMODE.
• An empty box or "-" means Not Applicable.
Note
• The value found in the MUX MODE AFTER RESET column defines the default pin multiplexed
signal function selected when PORz is deasserted.
• Configuring two pins to the same pin multiplexed signal function can yield unexpected results and is
not supported. This can be prevented with proper software configuration.
• Configuring a pad to an undefined multiplexing mode results in undefined behavior and must be
avoided.
5. Type: Signal type and direction:
• I = Input
• O = Output
• ID = Input, with open-drain output function
• OD = Output, with open-drain output function
• IO = Input, Output, or simultaneously Input and Output
• IOD = Input, Output, or simultaneously Input and Output, with open-drain output function
• IOZ = Input, Output, or simultaneously Input and Output, with three-state output function
• OZ = Output with three-state output function
• A = Analog
• CAP = LDO capacitor
• PWR = Power
• GND = Ground
6. Ball State During Reset (RX/TX/PULL): State of the terminal while PORz is asserted, where RX defines
the state of the input buffer, TX defines the state of the output buffer, and PULL defines the state of internal
pull resistors:
• RX (Input buffer)
– Off: The input buffer is disabled.
www.ti.com
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com