công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AM263P1 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện AM263P1
Giải thích chi tiết về linh kiện  AM263Px Sitara™ Microcontrollers with Optional Flash-in-Package
PDF  164 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

AM263P1 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button AM263P1 Datasheet HTML 4Page - Texas Instruments AM263P1 Datasheet HTML 5Page - Texas Instruments AM263P1 Datasheet HTML 6Page - Texas Instruments AM263P1 Datasheet HTML 7Page - Texas Instruments AM263P1 Datasheet HTML 8Page - Texas Instruments AM263P1 Datasheet HTML 9Page - Texas Instruments AM263P1 Datasheet HTML 10Page - Texas Instruments AM263P1 Datasheet HTML 11Page - Texas Instruments AM263P1 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 164 page
background image
4.1 Device Identification
The device part number identification data can be read in the TOP_CTRL.EFUSE_JTAG_USERCODE_ID
register. See Table 4-2 for more information.
Table 4-2. Device Part Number Identifier
TOP_CTRL.EFUSE_JTAG_USERCOD
E_ID
Register Field
Value and Description
Comment
[31-13] DEVICE_ID
Base Part Number
Refer to the Device Comparison section
for the DEVICE_ID value of a given part
number.
[12] SAFETY
0 = Non Functional Safety
1 = Functional Safety
[11] PACKAGE
Package
0x06 = ZCZ
Others = Reserved
[10-6] SPEED
Device Speed Grade
Refer to the Operating Performance
Points section for the supported speed
grades and the definitions for a given
device.
0x0E (Grade N):
400 MHz R5F
2MB (Full speed and MIN memory)
0x0F (Grade O):
400 MHz R5F
3MB (Full speed and full memory)
0x10 (Grade P):
200 MHz R5F
3MB (Half speed and full memory)
[5-3] TEMP
Temperature Grade
Operating junction temperature range.
0x05 = -40°C to 125°C
0x07 = -40°C to 150°C
Others = Reserved
[2-0] FEATURE
Package Feature
0x01 = AM263x compatible package
0x02 = Sensor package + FLASH-in-Package
0x05 = Sensor package
The manufacturer identity, the boundary scan part number, and the silicon revision of the device can be read
from the configuration port via JTAG.
AM263P4, AM263P2, AM263P1, AM263P4-Q1, AM263P2-Q1, AM263P1-Q1
SPRSP81C – OCTOBER 2023 – REVISED MAY 2024
www.ti.com
8
Submit Document Feedback
Copyright © 2024 Texas Instruments Incorporated
Product Folder Links: AM263P4 AM263P2 AM263P1 AM263P4-Q1 AM263P2-Q1 AM263P1-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com