công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFL5015SW/ES bảng dữ liệu(PDF) 9 Page - International Rectifier

tên linh kiện AFL5015SW/ES
Giải thích chi tiết về linh kiện  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

AFL5015SW/ES bảng dữ liệu(HTML) 9 Page - International Rectifier

Back Button AFL5015SW/ES Datasheet HTML 4Page - International Rectifier AFL5015SW/ES Datasheet HTML 5Page - International Rectifier AFL5015SW/ES Datasheet HTML 6Page - International Rectifier AFL5015SW/ES Datasheet HTML 7Page - International Rectifier AFL5015SW/ES Datasheet HTML 8Page - International Rectifier AFL5015SW/ES Datasheet HTML 9Page - International Rectifier AFL5015SW/ES Datasheet HTML 10Page - International Rectifier AFL5015SW/ES Datasheet HTML 11Page - International Rectifier AFL5015SW/ES Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
www.irf.com
9
AFL28XXS Series
Table 1. Nominal Resistance of Cu Wire
Wire Size, AWG
Resistance per ft
24 Ga
25.7 m
Ω
22 Ga
16.2 m
Ω
20 Ga
10.1 m
Ω
18 Ga
6.4 m
Ω
16 Ga
4.0 m
Ω
14 Ga
2.5 m
Ω
12 Ga
1.6 m
Ω
Incorporation of a 100µF capacitor at the input terminals is
recommended as compensation for the dynamic effects
of the parasitic resistance of the input cable reacting with
the complex impedance of the converter input, and to
provide an energy reservoir for transient input current
requirements.
Figure VI. Problems of Parasitic Resistance in input Leads
Vin
Rtn
Case
Enable 1
Sync Out
Sync In
R
p
R
p
I
Rtn
I
in
e
source
System Ground
e
Rtn
100
µfd
As an example of the effects of parasitic resistance,
consider an AFL2815S operating at full power of 120W.
From the specification sheet, this device has a minimum
efficiency of 83% which represents an input power of more
than 145W. If we consider the case where line voltage is at
its’ minimum of 16V, the steady state input current necessary
for this example will be slightly greater than 9 amperes. If
this device were connected to a voltage source with 10
feet of 20 gauge wire, the round trip (input and return)
would result in 0.2
Ω of resistance and 1.8V of drop from the
source to the converter. To assure 16V at the input, a
source closer to 18V would be required. In applications
using the paralleling option, this drop will be multiplied by
the number of paralleled devices. By choosing 14 or 16
gauge wire in this example, the parasitic resistance and
resulting voltage drop will be reduced to 25% or 31% of that
with 20 gauge wire.
Another potential problem resulting from parasitically
induced voltage drop on the input lines is with regard to
the operation of the enable 1 port. The minimum and
maximum operating levels required to operate this port
are specified with respect to the input common return line
at the converter. If a logic signal is generated with respect
to a ‘common’ that is distant from the converter, the effects
of the voltage drop over the return line must be considered
when establishing the worst case TTL switching levels.
These drops will effectively impart a shift to the logic levels.
In Figure VI, it can be seen that referred to system ground,
the voltage on the input return pin is given by
e
Rtn = IRtn • RP
Therefore, the logic signal level generated in the system
must be capable of a TTL logic high plus sufficient additional
amplitude to overcome e
Rtn. When the converter is inhibited,
I
Rtn diminishes to near zero and eRtn will then be at system
ground.
(See text)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com