công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AFL5015SW/ES bảng dữ liệu(PDF) 5 Page - International Rectifier

tên linh kiện AFL5015SW/ES
Giải thích chi tiết về linh kiện  HYBRID-HIGH RELIABILITY DC/DC CONVERTER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

AFL5015SW/ES bảng dữ liệu(HTML) 5 Page - International Rectifier

  AFL5015SW/ES Datasheet HTML 1Page - International Rectifier AFL5015SW/ES Datasheet HTML 2Page - International Rectifier AFL5015SW/ES Datasheet HTML 3Page - International Rectifier AFL5015SW/ES Datasheet HTML 4Page - International Rectifier AFL5015SW/ES Datasheet HTML 5Page - International Rectifier AFL5015SW/ES Datasheet HTML 6Page - International Rectifier AFL5015SW/ES Datasheet HTML 7Page - International Rectifier AFL5015SW/ES Datasheet HTML 8Page - International Rectifier AFL5015SW/ES Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
www.irf.com
5
AFL28XXS Series
Block Diagram
Figure I. Single Output
Figure II. Enable Input Equivalent Circuit
Pin 4 or
Pin 12
1N4148
100K
290K
150K
2N3904
+5.6V
Disable
Pin 2 or
Pin 8
Circuit Operation and Application Information
Inhibiting Converter Output (Enable)
As an alternative to application and removal of the DC voltage
to the input, the user can control the converter output by
providing TTL compatible, positive logic signals to either of
two enable pins (pin 4 or 12). The distinction between these
two signal ports is that enable 1 (pin 4) is referenced to the
input return (pin 2) while enable 2 (pin 12) is referenced to
the output return (pin 8). Thus, the user has access to an
inhibit function on either side of the isolation barrier. Each
port is internally pulled “high” so that when not used, an
open connection on both enable pins permits normal
converter operation. When their use is desired, a logical
“low” on either port will shut the converter down.
The AFL series of converters employ a forward switched
mode converter topology. (refer to Figure I) Operation of
the device is initiated when a DC voltage whose magnitude
is within the specified input limits is applied between pins 1
and 2. If pin 4 is enabled (at a logical 1 or open) the primary
bias supply will begin generating a regulated housekeeping
voltage bringing the circuitry on the primary side of the
converter to life. A power MOSFET is used to chop the DC
input voltage into a high frequency square wave, applying
this chopped voltage to the power transformer at the nominal
converter switching frequency. Maintaining a DC voltage
within the specified operating range at the input assures
continuous generation of the primary bias voltage.
The switched voltage impressed on the secondary output
transformer winding is rectified and filtered to generate the
converter DC output voltage. An error amplifier on the
secondary side compares the output voltage to a precision
reference and generates an error signal proportional to the
difference. This error signal is magnetically coupled through
the feedback transformer into the controller section of the
converter varying the pulse width of the square wave signal
driving the MOSFET, narrowing the width if the output voltage
is too high and widening it if it is too low, thereby regulating
the output voltage.
Remote Sensing
Connection of the + and - sense leads at a remotely located
load permits compensation for excessive resistance
between the converter output and the load when their
physical separation could cause undesirable voltage drop.
This connection allows regulation to the placard voltage at
the point of application. When the remote sensing feature is
not used, the sense leads should be connected to their
respective output terminals at the converter. Figure III.
llustrates a typical remotely sensed application.
1
+ Input
Enable 1 4
Sync Output 5
6
Sync Input
Case
3
2
Input Return
Input
Filter
Primary
Bias Supply
Control
FB
Output
Filter
Current
Sense
Error
Amp
& Ref
Share
Amplifier
Sense
Amplifier
7 +Output
10 +Sense
11 Share
12 Enable 2
9
Sense Return
8
Output Return



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com