công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FQD8P10TM bảng dữ liệu(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

tên linh kiện FQD8P10TM
Giải thích chi tiết về linh kiện  P-channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Trang chủ  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

FQD8P10TM bảng dữ liệu(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  FQD8P10TM Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED FQD8P10TM Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED FQD8P10TM Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED FQD8P10TM Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (TC=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250μA
-100
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-100V,VGS=0V
-
-
1
μA
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±10
μA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250μA
-1
-1.9
-3
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-10A
-180
200
mΩ
Forward Transconductance
gFS
VDS=-5V,ID=-5A
12
-
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
1734
-
PF
Output Capacitance
Coss
-
86
-
PF
Reverse Transfer Capacitance
Crss
VDS=-50V,VGS=0V,
F=1.0MHz
-
40
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
12
-
nS
Turn-on Rise Time
tr
-
52
-
nS
Turn-Off Delay Time
td(off)
-
28
-
nS
Turn-Off Fall Time
tf
VDD=-50V,ID=-10A
VGS=-10V,RGEN=9.1Ω
-
38
-
nS
Total Gate Charge
Qg
-
33.1
-
nC
Gate-Source Charge
Qgs
-
4.2
-
nC
Gate-Drain Charge
Qgd
VDS=-50V,ID=-10A,
VGS=-10V
-
7.1
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-10A
-
-
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-
-13
A
Reverse Recovery Time
trr
-
35
-
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF =-10A
di/dt = 100A/μs
(Note3)
-
46
-
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1.
Repetitive Rating: Pulse width limited by maximum junction temperature.
2.
Surface Mounted on FR4 Board, t ≤ 10 sec.
3.
Pulse Test: Pulse Width ≤ 300μs, Duty Cycle ≤ 2%.
4.
Guaranteed by design, not subject to production
5.
EAS condition:Tj=25℃,VDD=-50V,VG=-10V,L=0.5mH,Rg=25Ω
www.bychip.cn
FQD8P10TM
v2.0



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com