| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12H bảng dữ liệu(PDF) 4 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12H bảng dữ liệu(HTML) 4 Page - Freescale Semiconductor, Inc |
|
4 / 28 page ![]() 16-bit Microcontroller HCS12H Family, Rev. 11.1 4 Freescale Semiconductor PRELIMINARY Feature Detail • Flash emulation of ROM versions – ROM versions 3S12HZ256, 3S12HZ192, 3S12HZ128 and 3S12HN128 should use the 9S12HZ256 for Flash emulation. – ROM versions 3S12HZ64, 3S12HN64, 3S12HZ32 and 3S12HN32 should use the 9S12HZ64 for Flash emulation. • Pin out explanations: – A/D is the number of A/D channels. – PWM is the number of TIM channels. – LCD denotes the number of front planes times the number of back planes. – Motor denotes the number of high current drive pins / number of stepper motors which can be driven – SSD denotes whether this device features a Stepper Stall Detection Circuit – Versions with one SCI will use SCI0 – Versions with one CAN will use CAN0 – I/O is the sum of ports capable to act as digital input or output. 144 Pin Package: Port A = 8, B = 8, E = 6 + 2 input only, H = 8, J = 4, K = 5, L = 8, M = 6, P = 6, S = 8, T = 8, U = 8, V = 8, W = 8, PAD = 16 input only. 14 inputs provide Interrupt capability (H = 8, J = 4, IRQ, XIRQ). 112 Pin Package for H Versions: Port A = 8, B = 8, E = 6 + 2 input only, K = 5, L = 4, M = 4, P = 2, S = 6, T = 8, U = 8, V = 8, W = 8, PAD = 8 input only. Table 1 List of MCS12H-Family members Flash ROM RAM EEPROM Device Package CAN SCI SPI IIC A/D PWM TIM LCD Motor SSD KWU I/O 256K 0 12K 4K 9S12H256 144 LQFP 2 2 1 1 16 6 8 32x4 24/6 0 12 117 256K 0 12K 4K 9S12H256(1) NOTES: 1. Not recommended for new designs. 112 LQFP 2 1 1 0 8 2 8 28x4 24/6 0 0 85 128K 0 6K 2K 9S12H128(1) 112 LQFP 2 1 1 0 8 2 8 28x4 24/6 0 0 85 256K 0 12K 2K 9S12HZ256 112 LQFP 2 2 1 1 16 6 8 32x4 16/4 4 8 85 128K 0 6K 2K 9S12HZ128 112 LQFP 2 2 1 1 16 6 8 32x4 16/4 4 8 85 64K 0 4K 1K 9S12HZ64 112 LQFP 1 1 1 0 8 4 8 24x4 16/4 2 8 69 64K 0 4K 1K 9S12HN64 112 LQFP 0 1 1 0 8 4 8 24x4 16/4 2 8 69 64K 0 4K 1K 9S12HZ64 80 QFP 1 1 0 0 7 4 4 20x4 16/4 2 7 60 64K 0 4K 1K 9S12HN64 80 QFP 0 1 0 0 7 4 4 20x4 16/4 2 7 60 0 256K 12K 0 3S12HZ256 112 LQFP 2 2 1 1 16 6 8 32x4 16/4 4 8 85 0 192K 8K 0 3S12HZ192 112 LQFP 2 2 1 1 16 6 8 32x4 16/4 4 8 85 0 128K 6K 0 3S12HZ128 112 LQFP 1 2 1 1 8 6 8 32x4 16/4 4 8 85 0 128K 6K 0 3S12HN128 112 LQFP 0 2 1 1 8 6 8 32x4 16/4 4 8 85 0 64K 4K 0 3S12HZ64 112 LQFP 1 1 1 0 8 4 8 24x4 16/4 2 8 69 0 64K 4K 0 3S12HN64 112 LQFP 0 1 1 0 8 4 8 24x4 16/4 2 8 69 0 32K 2K 0 3S12HZ32 80 QFP 1 1 0 0 7 4 4 20x4 16/4 2 7 60 0 32K 2K 0 3S12HN32 80 QFP 0 1 0 0 7 4 4 20x4 16/4 2 7 60 |