| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HCS12H bảng dữ liệu(PDF) 22 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
HCS12H bảng dữ liệu(HTML) 22 Page - Freescale Semiconductor, Inc |
|
22 / 28 page ![]() 16-bit Microcontroller HCS12H Family, Rev. 11.1 22 Freescale Semiconductor PRELIMINARY Memory Maps Figure 9. MC9(3)S12HZ(N)128 User Configurable Memory Map $0000 $FFFF $C000 $8000 $4000 $0400 $2800 $FF00 EXT NORMAL SINGLE CHIP EXPANDED SPECIAL SINGLE CHIP VECTORS VECTORS VECTORS $FF00 $FFFF BDM (If Active) $C000 $FFFF 16K Fixed Flash EEPROM 2K, 4K, 8K or 16K Protected Boot Sector $8000 $BFFF 16K Page Window Eight * 16K Flash EEPROM Pages $4000 $7FFF 16K Fixed Flash EEPROM 0.5K, 1K, 2K or 4K Protected Sector $2800 $3FFF 6K Bytes RAM Mappable to any 8K Boundary $0000 $03FF 1K Register Space Mappable to any 2K Boundary Alignable to top ($2800 - $3FFF) or bottom ($2000 - $37FF) of 8K Boundary The figure shows a useful map, which is not the map out of reset. After reset the map is: $0000 - $03FF: Register Space $0800 - $1FFF: 6K RAM $0800 $1000 $0800 $0FFF 2K Bytes EEPROM Mappable to any 2K Boundary $0000 - $07FF: 2K EEPROM (1K not visible) There is no mapping of EEPROM Flash on MC3S12HZ(N)128. |