| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SCIV2/D bảng dữ liệu(PDF) 48 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2/D bảng dữ liệu(HTML) 48 Page - Freescale Semiconductor, Inc |
|
48 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $01CC Reserved Read: 00000000 Write: $01CD Reserved Read: 00000000 Write: $01CE Reserved Read: 00000000 Write: $01CF Reserved Read: 00000000 Write: $01D0 MCCC0 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D1 MCCC1 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D2 MCCC2 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D3 MCCC3 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D4 MCCC4 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D5 MCCC5 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D6 MCCC6 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D7 MCCC7 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D8 MCCC8 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01D9 MCCC9 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01DA MCCC10 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01DB MCCC11 Read: OM1 OM0 AM1 AM0 00 CD1 CD0 Write: $01DC Reserved Read: 00000000 Write: $01DD Reserved Read: 00000000 Write: $01DE Reserved Read: 00000000 Write: $01DF Reserved Read: 00000000 Write: $01E0 MCDC0 (hi) Read: S SSSS D10 D9 D8 Write: $01E1 MCDC0 (lo) Read: D7 D6 D5 D4 D3 D2 D1 D0 Write: $01E2 MCDC1 (hi) Read: S SSSS D10 D9 D8 Write: $01E3 MCDC1 (lo) Read: D7 D6 D5 D4 D3 D2 D1 D0 Write: $01E4 MCDC2 (hi) Read: S SSSS D10 D9 D8 Write: $01C0 - $01FF MC (Motor Controller 10bit 12 channels) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |