| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
S12SCIV2/D bảng dữ liệu(PDF) 38 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
S12SCIV2/D bảng dữ liệu(HTML) 38 Page - Freescale Semiconductor, Inc |
|
38 / 130 page ![]() MC9S12H256 Device User Guide — V01.18 $00C2 IBCR Read: IBEN IBIE MS/SL TX/RX TXAK 00 IBSWAI Write: RSTA $00C3 IBSR Read: TCF IAAS IBB IBAL 0SRW IBIF RXAK Write: $00C4 IBDR Read: D7 D6 D5 D4 D3 D2 D1 D 0 Write: $00C5 Reserved Read: 0 0 0 0 0 0 0 0 Write: $00C6 Reserved Read: 00000000 Write: $00C7 Reserved Read: 00000000 Write: $00C8 - $00CF SCI0 (Asynchronous Serial Interface) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00C8 SCI0BDH Read: 0 0 0 SBR12 SBR11 SBR10 SBR9 SBR8 Write: $00C9 SCI0BDL Read: SBR7 SBR6 SBR5 SBR4 SBR3 SBR2 SBR1 SBR0 Write: $00CA SCI0CR1 Read: LOOPS SCISWAI RSRC M WAKE ILT PE PT Write: $00CB SCI0CR2 Read: TIE TCIE RIE ILIE TE RE RWU SBK Write: $00CC SCI0SR1 Read: TDRE TC RDRF IDLE OR NF FE PF Write: $00CD SCI0SR2 Read: 00000 BRK13 TXDIR RAF Write: $00CE SCI0DRH Read: R8 T8 000000 Write: $00CF SCI0DRL Read: R7 R6 R5 R4 R3 R2 R1 R0 Write: T7 T6 T5 T4 T3 T2 T1 T0 $00D0 - $00D7 SCI1 (Asynchronous Serial Interface) only on MC9S12H256 Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 $00D0 SCI1BDH Read: 0 0 0 SBR12 SBR11 SBR10 SBR9 SBR8 Write: $00D1 SCI1BDL Read: SBR7 SBR6 SBR5 SBR4 SBR3 SBR2 SBR1 SBR0 Write: $00D2 SCI1CR1 Read: LOOPS SCISWAI RSRC M WAKE ILT PE PT Write: $00D3 SCI1CR2 Read: TIE TE RE RWU SBK Write: $00D4 SCI1SR1 Read: TDRE OR NF FE PF Write: $00C0 - $00C7 IIC (Inter IC Bus) Address Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Freescale Semiconductor, Inc. For More Information On This Product, Go to: www.freescale.com |