công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

M29F800DB55M1F bảng dữ liệu(PDF) 27 Page - STMicroelectronics

tên linh kiện M29F800DB55M1F
Giải thích chi tiết về linh kiện  8 Mbit (1Mb x8 or 512Kb x16, Boot Block) 5V Supply Flash Memory
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29F800DB55M1F bảng dữ liệu(HTML) 27 Page - STMicroelectronics

Back Button M29F800DB55M1F Datasheet HTML 23Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 24Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 25Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 26Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 27Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 28Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 29Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 30Page - STMicroelectronics M29F800DB55M1F Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 53 page
background image
M29F800DT
DC and AC parameters
27/53
7
DC and AC parameters
This section summarizes the operating measurement conditions, and the DC and AC
characteristics of the device. The parameters in the DC and AC characteristics Tables that
follow, are derived from tests performed under the Measurement Conditions summarized in
Table 9: Operating and AC measurement conditions. Designers should check that the
operating conditions in their circuit match the operating conditions when relying on the
quoted parameters.
Figure 8.
AC measurement I/O waveform
Table 9.
Operating and AC measurement conditions
Parameter
M29F800D
Unit
55
70/ 90
Min
Max
Min
Max
VCC Supply voltage
4.5
5.5
4.5
5.5
V
Ambient Operating Temperature (range 1)
0
70
0
70
°C
Ambient Operating Temperature (range 6)
–40
85
–40
85
°C
Load capacitance (CL)
30
100
pF
Input Rise and Fall times
10
10
ns
Input Pulse voltages
0 to 3
0.45 to 2.4
V
Input and Output Timing Ref. voltages
1.5
0.8 and 2.0
V
AI05276
3V
High Speed (55ns)
0V
1.5V
2.4V
Standard (70, 90ns)
0.45V
2.0V
0.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com