| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IA82527-PTQ44A-R bảng dữ liệu(PDF) 28 Page - InnovASIC, Inc |
|
|
|||||||||||||||||||||||||||||
IA82527-PTQ44A-R bảng dữ liệu(HTML) 28 Page - InnovASIC, Inc |
|
28 / 45 page ![]() IA82527 04 May 2007 CAN Serial Communications Controller As of Production Ver. 00 PRELIMINARY Copyright 2007 EN21070504-00 www.Innovasic.com Customer Support: Page 28 of 45 1-888-824-4184 © Table 8. Mode 0 & Mode 1 General Bus and ready Timing, continued Symbol Parameter Minimum Maximum tWHYZ End of Last Write to ready Float for a Write Cycle if a Previous Write Cycle is Active — 2 tMCLK + 100 ns tRLYZ rd_n Low to ready Float (for all registers except 02H, 04H, 05H) for Read Cycle without a Previous Write — 2 tMCLK + 100 ns tRLYZ rd_n Low to ready Float (for all registers except 02H, 04H, 05H) for Read Cycle with a Previous Write — 4 tMCLK + 100 ns tWHDV wr_n High to Output Data Valid on Port 1 or Port 2 tMCLK 2 tMCLK + 500 ns tCOPO clkout Period (CDV is the value loaded in the CLKOUT Register representing the clkout divisor.) (CDV + 1) • t OSC tCHCL clkout High Period (CDV is the value loaded in the CLKOUT Register representing the clkout divisor.) (CDV + 1) • ½ tOSC – 10 (CDV + 1) • ½ t OSC – 15 |