công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMS320VC5402 bảng dữ liệu(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện TMS320VC5402
Giải thích chi tiết về linh kiện  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC5402 bảng dữ liệu(HTML) 33 Page - Texas Instruments

Back Button TMS320VC5402 Datasheet HTML 29Page - Texas Instruments TMS320VC5402 Datasheet HTML 30Page - Texas Instruments TMS320VC5402 Datasheet HTML 31Page - Texas Instruments TMS320VC5402 Datasheet HTML 32Page - Texas Instruments TMS320VC5402 Datasheet HTML 33Page - Texas Instruments TMS320VC5402 Datasheet HTML 34Page - Texas Instruments TMS320VC5402 Datasheet HTML 35Page - Texas Instruments TMS320VC5402 Datasheet HTML 36Page - Texas Instruments TMS320VC5402 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
TMS320VC5402
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS079E – OCTOBER 1998 – REVISED AUGUST 2000
33
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
documentation support
Extensive documentation supports all TMS320
™ DSP family of devices from product announcement through
applications development. The following types of documentation are available to support the design and use
of the TMS320C5000
™ platform of DSPs:
D TMS320C5000 DSP Family Functional Overview (literature number SPRU307)
D Silicon Updates for the TMS320VC5402/TMS320UC5402 DSP (literature number SPRZ155)
D Device-specific data sheets (such as this document)
D Complete User Guides
D Development-support tools
D Hardware and software application reports
The five-volume
TMS320C54x DSP Reference Set (literature number SPRU210) consists of:
D Volume 1: CPU and Peripherals (literature number SPRU131)
D Volume 2: Mnemonic Instruction Set (literature number SPRU172)
D Volume 3: Algebraic Instruction Set (literature number SPRU179)
D Volume 4: Applications Guide (literature number SPRU173)
D Volume 5: Enhanced Peripherals (literature number SPRU302)
The reference set describes in detail the TMS320C54x
™ DSP generation of TMS320™ DSP products currently
available and the hardware and software applications, including algorithms, for fixed-point TMS320
™ DSP
devices.
For general background information on DSPs and Texas Instruments (TI) devices, see the three-volume
publication
Digital Signal Processing Applications with the TMS320 Family (literature numbers SPRA012,
SPRA016, and SPRA017).
A series of DSP textbooks is published by Prentice-Hall and John Wiley & Sons to support digital signal
processing research and education. The TMS320
™ DSP newsletter, Details on Signal Processing, is published
quarterly and distributed to update TMS320
™ DSP customers on product information.
Information regarding TI DSP products is also available on the Worldwide Web at
http://www.ti.com uniform
resource locator (URL).
TMS320, TMS320C5000, and TMS320C54x are trademarks of Texas Instruments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68