công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADMFM2000 bảng dữ liệu(PDF) 1 Page - Analog Devices

tên linh kiện ADMFM2000
Giải thích chi tiết về linh kiện  Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

ADMFM2000 bảng dữ liệu(HTML) 1 Page - Analog Devices

  ADMFM2000 Datasheet HTML 1Page - Analog Devices ADMFM2000 Datasheet HTML 2Page - Analog Devices ADMFM2000 Datasheet HTML 3Page - Analog Devices ADMFM2000 Datasheet HTML 4Page - Analog Devices ADMFM2000 Datasheet HTML 5Page - Analog Devices ADMFM2000 Datasheet HTML 6Page - Analog Devices ADMFM2000 Datasheet HTML 7Page - Analog Devices ADMFM2000 Datasheet HTML 8Page - Analog Devices ADMFM2000 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Data Sheet
ADMFM2000
Dual-Channel, 0.5 GHz to 32 GHz, Microwave Downconverter
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Dual-channel, 0.5 GHz to 32 GHz receiver
►
Integrated LNA
►
Integrated downconversion mixer
►
Integrated switch for mixer bypass
►
Integrated IF LPF: 8 GHz bandwidth
►
Integrated DSA
►
DSA range: 31 dB with 1 dB step
►
Single common LO input
►
50 Ω matched input and output
►
20.00 mm × 14.00 mm, 179-ball CSP_BGA
APPLICATIONS
►
Phased array radar receivers
►
Satellite communications (satcom) receivers
►
Electronic warfare
►
Electronic test and measurement equipment
►
Automatic test equipment
GENERAL DESCRIPTION
The ADMFM2000 is a dual-channel microwave downconverter, with
input RF and local oscillator (LO) frequency ranges covering 5 GHz
to 32 GHz, with an output intermediate frequency (IF) frequency
range from 0.5 GHz to 8 GHz. The downconverting mixer can
also be bypassed allowing direct access to the 0.5 to 8 GHz IF
path. A common LO input signal is split to feed two separate
buffer amplifiers to drive the mixer in each channel. Each down
conversion path consists of a low noise amplifier (LNA), a mixer, an
IF filter, a digital step attenuator (DSA), and an IF amplifier.
Fabricated using a combination of surface mount and bare die
components, the ADMFM2000 provides precise gain adjustment
capabilities with low distortion performance. The ADMFM2000
comes in a compact, shielded 20.00 mm × 14.00 mm, 179-ball
chip scale package ball grid array (CSP_BGA) and operates over a
temperature range of −40°C to +85°C.
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram


Số phần tương tự - ADMFM2000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marki Microwave
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
755Kb / 14P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0012-5931SM MARKIMICROWAVE-ADM-0012-5931SM Datasheet
842Kb / 9P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
678Kb / 10P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5929SM MARKIMICROWAVE-ADM-0026-5929SM Datasheet
827Kb / 8P
BROADBAND DISTRIBUTED AMPLIFIER
ADM-0026-5931SM MARKIMICROWAVE-ADM-0026-5931SM Datasheet
842Kb / 9P
BROADBAND DISTRIBUTED AMPLIFIER
More results

Mô tả tương tự - ADMFM2000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A Datasheet
278Kb / 5P
1.9 - 2.4 GHz Dual-Branch Downconverter
CV221-2A WJCI-CV221-2A_07 Datasheet
327Kb / 5P
1.9 - 2.7 GHz Dual-Branch Downconverter
logo
API Technologies Corp
BXHF1075 APITECH-BXHF1075 Datasheet
597Kb / 1P
43 GHz to 44 GHz Microwave Amplifier
logo
TriQuint Semiconductor
TGC2610-SM TRIQUINT-TGC2610-SM_15 Datasheet
880Kb / 17P
10 GHz ??15.4 GHz Downconverter
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Analog Devices
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
HMC1048ALC3B AD-HMC1048ALC3B Datasheet
373Kb / 15P
2.25 GHz to 18 GHz, MMIC, Double Balanced Downconverter
5/2019-Rev. A to Rev. B
ADMV1139 AD-ADMV1139 Datasheet
90Kb / 2P
37 GHz to 48.2 GHz, 5G, Microwave Upconverter and Downconverter
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
ADMV1139A AD-ADMV1139A Datasheet
86Kb / 2P
37 GHz to 50 GHz, 5G, Microwave Upconverter and Downconverter
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com