| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BQLP bảng dữ liệu(PDF) 62 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BQLP bảng dữ liệu(HTML) 62 Page - Texas Instruments |
|
62 / 78 page ![]() www.ti.com PACKAGE OUTLINE C 0.22 0.08 TYP 0.25 3.0 2.6 2X 0.95 1.9 1.45 0.90 0.15 0.00 TYP 5X 0.5 0.3 0.6 0.3 TYP 8 0 TYP 1.9 (0.1) (0.15) A 3.05 2.75 B 1.75 1.45 (1.1) SOT-23 - 1.45 mm max height DBV0005A SMALL OUTLINE TRANSISTOR 4214839/J 02/2024 NOTES: 1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing per ASME Y14.5M. 2. This drawing is subject to change without notice. 3. Refernce JEDEC MO-178. 4. Body dimensions do not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not exceed 0.25 mm per side. 5. Support pin may differ or may not be present. ALTERNATIVE PACKAGE SINGULATION VIEW 0.2 C A B 1 3 4 5 2 INDEX AREA PIN 1 NOTE 5 GAGE PLANE SEATING PLANE 0.1 C SCALE 4.000 |