| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431BQLP bảng dữ liệu(PDF) 44 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431BQLP bảng dữ liệu(HTML) 44 Page - Texas Instruments |
|
44 / 78 page ![]() PACKAGE MATERIALS INFORMATION www.ti.com 6-Apr-2024 TAPE AND REEL INFORMATION Reel Width (W1) REEL DIMENSIONS A0 B0 K0 W Dimension designed to accommodate the component length Dimension designed to accommodate the component thickness Overall width of the carrier tape Pitch between successive cavity centers Dimension designed to accommodate the component width TAPE DIMENSIONS K0 P1 B0 W A0 Cavity QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE Pocket Quadrants Sprocket Holes Q1 Q1 Q2 Q2 Q3 Q3 Q4 Q4 User Direction of Feed P1 Reel Diameter *All dimensions are nominal Device Package Type Package Drawing Pins SPQ Reel Diameter (mm) Reel Width W1 (mm) A0 (mm) B0 (mm) K0 (mm) P1 (mm) W (mm) Pin1 Quadrant TL431ACDBVR SOT-23 DBV 5 3000 180.0 8.4 3.23 3.17 1.37 4.0 8.0 Q3 TL431ACDBVR SOT-23 DBV 5 3000 178.0 9.0 3.3 3.2 1.4 4.0 8.0 Q3 TL431ACDBVT SOT-23 DBV 5 250 178.0 9.0 3.3 3.2 1.4 4.0 8.0 Q3 TL431ACDBZR SOT-23 DBZ 3 3000 180.0 8.4 2.9 3.35 1.35 4.0 8.0 Q3 TL431ACDBZRG4 SOT-23 DBZ 3 3000 180.0 8.4 2.9 3.35 1.35 4.0 8.0 Q3 TL431ACDBZT SOT-23 DBZ 3 250 180.0 8.4 2.9 3.35 1.35 4.0 8.0 Q3 TL431ACDBZT SOT-23 DBZ 3 250 178.0 9.0 3.15 2.77 1.22 4.0 8.0 Q3 TL431ACDBZTG4 SOT-23 DBZ 3 250 180.0 8.4 2.9 3.35 1.35 4.0 8.0 Q3 TL431ACDCKR SC70 DCK 6 3000 180.0 8.4 2.41 2.41 1.2 4.0 8.0 Q3 TL431ACPK SOT-89 PK 3 1000 180.0 12.4 4.91 4.52 1.9 8.0 12.0 Q3 TL431ACPSR SO PS 8 2000 330.0 16.4 8.35 6.6 2.4 12.0 16.0 Q1 TL431ACPWR TSSOP PW 8 2000 330.0 12.4 7.0 3.6 1.6 8.0 12.0 Q1 TL431AIDBVR SOT-23 DBV 5 3000 178.0 9.0 3.3 3.2 1.4 4.0 8.0 Q3 TL431AIDBVR SOT-23 DBV 5 3000 180.0 8.4 3.23 3.17 1.37 4.0 8.0 Q3 TL431AIDBVT SOT-23 DBV 5 250 178.0 9.0 3.3 3.2 1.4 4.0 8.0 Q3 TL431AIDBZR SOT-23 DBZ 3 3000 180.0 8.4 2.9 3.35 1.35 4.0 8.0 Q3 Pack Materials-Page 1 |