| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLP bảng dữ liệu(PDF) 37 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLP bảng dữ liệu(HTML) 37 Page - Texas Instruments |
|
37 / 78 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Apr-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431BIDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3F3, T3FG, T3FS, T3FU) Samples TL431BIDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3F3 Samples TL431BIDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3U Samples TL431BIDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T3U Samples TL431BIDE4 ACTIVE SOIC D 8 75 TBD Call TI Call TI -40 to 85 Samples TL431BIDG4 ACTIVE SOIC D 8 75 TBD Call TI Call TI -40 to 85 Samples TL431BIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 Z431B Samples TL431BILP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 Z431B Samples TL431BILPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 Z431B Samples TL431BIPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR -40 to 85 4I Samples TL431BQD ACTIVE SOIC D 8 75 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T431BQ Samples TL431BQDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T3HJ, T3HU) Samples TL431BQDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (T3HJ, T3HU) Samples TL431BQDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3H3, T3HG, T3HS, T3HU) Samples TL431BQDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3HS Samples TL431BQDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (T3HG, T3HS, T3HU) Samples TL431BQDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 T3HS Samples TL431BQDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T8U Samples TL431BQDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T8U Samples TL431BQDE4 ACTIVE SOIC D 8 75 TBD Call TI Call TI -40 to 125 Samples Addendum-Page 4 |