| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL431ACLP bảng dữ liệu(PDF) 35 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL431ACLP bảng dữ liệu(HTML) 35 Page - Texas Instruments |
|
35 / 78 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 9-Apr-2024 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead finish/ Ball material (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL431AIDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3AG, TAI3, TAIS, TAIU) Samples TL431AIDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TAI3 Samples TL431AIDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 (T3AG, TAI3, TAIS, TAIU) Samples TL431AIDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 TAI3 Samples TL431AIDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T5U Samples TL431AIDCKRE4 ACTIVE SC70 DCK 6 3000 TBD Call TI Call TI -40 to 85 Samples TL431AIDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 85 T5U Samples TL431AIDR ACTIVE SOIC D 8 2500 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 85 431AI Samples TL431AILP ACTIVE TO-92 LP 3 1000 RoHS & Green SN N / A for Pkg Type -40 to 85 TL431AI Samples TL431AILPM ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 TL431AI Samples TL431AILPR ACTIVE TO-92 LP 3 2000 RoHS & Green SN N / A for Pkg Type -40 to 85 TL431AI Samples TL431AIPK ACTIVE SOT-89 PK 3 1000 RoHS & Green SN Level-2-260C-1 YEAR -40 to 85 4B Samples TL431AQDBVR ACTIVE SOT-23 DBV 5 3000 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (TAQG, TAQJ, TAQU) Samples TL431AQDBVT ACTIVE SOT-23 DBV 5 250 RoHS & Green NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (TAQG, TAQJ, TAQU) Samples TL431AQDBZR ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (TAQ3, TAQG, TAQS, TAQU) Samples TL431AQDBZRG4 ACTIVE SOT-23 DBZ 3 3000 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 TAQS Samples TL431AQDBZT ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | SN | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (TAQG, TAQS, TAQU) Samples TL431AQDBZTG4 ACTIVE SOT-23 DBZ 3 250 RoHS & Green NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 TAQS Samples TL431AQDCKR ACTIVE SC70 DCK 6 3000 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T7U Samples TL431AQDCKT ACTIVE SC70 DCK 6 250 RoHS & Green NIPDAU Level-1-260C-UNLIM -40 to 125 T7U Samples Addendum-Page 2 |