công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P4SMF bảng dữ liệu(PDF) 1 Page - SMC Diode Solutions Co. LTD

tên linh kiện P4SMF
Giải thích chi tiết về linh kiện  TRANSIENT VOLTAGE SUPPRESSOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SMCDIODE [SMC Diode Solutions Co. LTD]
Trang chủ  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD

P4SMF bảng dữ liệu(HTML) 1 Page - SMC Diode Solutions Co. LTD

  P4SMF Datasheet HTML 1Page - SMC Diode Solutions Co. LTD P4SMF Datasheet HTML 2Page - SMC Diode Solutions Co. LTD P4SMF Datasheet HTML 3Page - SMC Diode Solutions Co. LTD P4SMF Datasheet HTML 4Page - SMC Diode Solutions Co. LTD P4SMF Datasheet HTML 5Page - SMC Diode Solutions Co. LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Technical Data
Data Sheet N2271, Rev. D
China - Germany - Korea - Singapore - United States 
http://www.smc-diodes.com - sales@ smc-diodes.com 
P4SMF Series
P4SMF Series
TRANSIENT VOLTAGE SUPPRESSOR
Notes: 1. Non-repetitive current pulse and derated above TA=25℃
2. Mounted on 5.0mm2 copper pads to each terminal.
Features
Circuit Diagram
Mechanical Data
Maximum Ratings@TA=25°C unless otherwise specified
Parameter
Symbol
Value
Unit
Peak pulse power dissipation
with a 10/1000μs waveform (Note1,2)
PPPM
400
W
Forward voltage @IF=20A for Unidirectional only
VF
5.0
V
Typical Thermal Resistance Junction to Lead
RθJL
100
°C/W
Typical Thermal Resistance Junction to Ambient
RθJA
220
°C/W
Operating Junction and Storage
Temperature Range
TJ,TSTG
-55 to +150
°C
Case: JEDEC SOD-123FL
Terminals: Solder plated, solderable per MIL-STD-750
Method 2026
Polarity: For uni-directional types the band by laser
denotes the cathode, which is positive with respect to
the anode under normal TVS operation
Compatible with IEC 61000-4-2 (ESD): Air ±15kV, Contact ±8kV
Compatible with IEC 61000-4-4 (EFT): 40A, 5/50ns
Compatible with IEC 61000-4-5 (Surge): 8/20µs Waveform
400 Watts Peak Pulse Power per Line (tp = 10/1000µs)
Low Inductance
Excellent Clamping Capability
Unidirectional & Bidirectional Configurations
Low Leakage Current: < 1µA (Typical)
Fast Response Time
Available in Multiple Voltages
RoHS Compliant
This is a Halogen Free device
SOD-123FL
Unipolar
Bipolar


Số phần tương tự - P4SMF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
P4SMFJ LEIDITECH-P4SMFJ Datasheet
3Mb / 7P
Surface Mount - 400W
01.06.2019
logo
Yea Shin Technology Co....
P4SMFJ-A YEASHIN-P4SMFJ-A Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMFJ10 YEASHIN-P4SMFJ10 Datasheet
1,002Kb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR VOLTAGE - 5.0 to 188 Volts 400 Watt Peak Power Pulse
P4SMFJ10 YEASHIN-P4SMFJ10 Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
P4SMFJ10 YEASHIN-P4SMFJ10 Datasheet
1Mb / 4P
SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results

Mô tả tương tự - P4SMF

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Galaxy Semi-Conductor H...
P6KE6.8 BILIN-P6KE6.8 Datasheet
256Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
1N6267 BILIN-1N6267 Datasheet
119Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Sensitron
DLZ5 SENSITRON-DLZ5_08 Datasheet
64Kb / 3P
Transient Voltage Suppressor / Data Line Transient Suppressor
logo
List of Unclassifed Man...
SMAJ5913 ETC2-SMAJ5913 Datasheet
293Kb / 3P
Transient Voltage Suppressor
SMBJ5913 ETC2-SMBJ5913 Datasheet
205Kb / 3P
Transient Voltage Suppressor
SMCJ5629 ETC2-SMCJ5629 Datasheet
322Kb / 4P
Transient Voltage Suppressor
logo
SUNMATE electronic Co.,...
SMBJ-LC5.0 SUNMATE-SMBJ-LC5.0 Datasheet
295Kb / 4P
Transient Voltage Suppressor
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com