| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2S3003TTFUD bảng dữ liệu(PDF) 55 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003TTFUD bảng dữ liệu(HTML) 55 Page - NXP Semiconductors |
|
55 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) 8.5.3.14 LOCK EAS Command code = A4h The LOCK EAS command locks the current state of the EAS mode and the EAS ID. If the EAS mode is password protected, the EAS password must be transmitted first with the SET PASSWORD command. The timing of the command is write alike. Option 0 (Option flag not set) is supported. Option 1 (Option flag set) is supported. Setting the OTP_EAS_LOCK bit to 1 with a WRITE CONFIG command to block 30 of the configuration memory also locks the EAS mode and the EAS ID. See Table 9 and Table 30. SOF Flags LOCK EAS IC Mfg code UID CRC16 EOF - 8 bits 8 bits 8 bits 64 bits optional 16 bits - Table 96. LOCK EAS request format SOF Flags Error code CRC16 EOF - 8 bits 8 bits 16 bits - Table 97. LOCK EAS response format when Error_flag set SOF Flags CRC16 EOF - 8 bits 16 bits - Table 98. LOCK EAS response format when Error_flag NOT set SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 55 / 82 |