| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SL2S3003TTFUD bảng dữ liệu(PDF) 19 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
SL2S3003TTFUD bảng dữ liệu(HTML) 19 Page - NXP Semiconductors |
|
19 / 82 page ![]() NXP Semiconductors SL2S3003/SL2S3003TT ICODE 3 (TagTamper) Bit number 0 1 2 3 4 5 6 7 NFC_MIRROR_BLK RFU Table 18. NFC_MIRROR_BLK byte Field Bit Values at Delivery Description NFC_MIRROR_ BLK 7 00h Defines the first block within the user memory where the NFC mirror shall start. Table 19. NFC_MIRROR_BLK byte configuration parameter descriptions Bit number 0 1 2 3 4 5 6 7 TT_SHOW_STATUS RFU Table 20. TT_SHOW_STATUS byte for SL2S3003TT (RFU for SL2S3003) Field Bit Values at Delivery Description for SL2S3003 TT (RFU for SL2 S3003) TT_SHOW_ STATUS 2 00h Defines which TagTamper Status shall be shown by NFC mirror feature and READ TT command: 00b … No TagTamper status (actual status and stored TagTamper message are masked) 10b … Only actual TagTamper status is shown (stored TagTamper status is masked) 01b … Only stored TagTamper status is shown (actual TagTamper status is masked) 11b … actual and stored TagTamper status are shown Table 21. TT_SHOW_STATUS byte configuration parameter descriptions SL2S3003/SL2S3003TT All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 3.0 — 28 March 2024 19 / 82 |