công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8652 bảng dữ liệu(PDF) 11 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 8652
Giải thích chi tiết về linh kiện  Tank bottom diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 bảng dữ liệu(HTML) 11 Page - Christian Bürkert GmbH & Co. KG

Back Button 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 11Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 12Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 13Page - Christian Bürkert GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Type 2065
11 | 13
Visit product website 
6.
Product accessories
Note:
Further position feedbacks can be found on our website .
Electrical position feedback
Type 8697 
Actuator size Ø 50…130 mm
Description
The position feedback Type 8697 is designed for integrated mounting on process valves of
the CLASSIC series and especially for the requirements of hygienic process environments.
Mechanical or inductive limit switches detect the valve position.
Features
• Compact design
• LED position indicator
• Mechanical or inductive limit switches for end position registering
• Easy to clean chemically resistant housing featuring IP65/IP67, 4X Rating
• Optional intrinsically safe version acc. to ATEX/IECEx
Customer benefits
• Easy and quick installation
• High level of signal reliability thanks to self adjusting limit switches
• Minimised space requirement in the plant piping for more flexibility in plant design
7.
Networking and combination with other Bürkert products
The On/Off valve system with stainless steel actuator, Type 8801-TD, consists of a diaphragm valve, Type 2065, and an electri-
cal position feedback, Type 8697.
Note:
You order two components and receive a completely assembled and tested valve.
Example:
Position feedback
Valve system On/Off
Type 2065
Type 8697 
Pneumatic control for decentralised
automation of ELEMENT process
valves
Type 8801-TD
ELEMENT On/Off valve system with
decentralised automation
Type 2065 + Type 8697



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com