công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8652 bảng dữ liệu(PDF) 5 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 8652
Giải thích chi tiết về linh kiện  Tank bottom diaphragm valve with pneumatic actuator in stainless steel (Type INOX)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 bảng dữ liệu(HTML) 5 Page - Christian Bürkert GmbH & Co. KG

  8652 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Type 2065
5 | 13
Visit product website 
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical resistance chart
You want to ensure the reliability and durability of the materials in your individual
application case? Verify your combination of media and materials on our website or in
our resistApp.
Start chemical resistance check
3.2. Material specifications
Note:
The exemplary representation may differ from the actual product.
1
2
3
4
8
7
5
6
No.
Element
Material
1
Valve body
See “1. General technical
data” on page 3
2
Diaphragm
EPDM (AD), PTFE/EPDM (EA),
advanced PTFE/EPDM (EU),
Gylon®/EPDM laminated (ER)
3
Actuator base (diaphragm socket) Stainless steel 1.4308
4
Piston seal
FKM
5
Spring
EN10270 - 2 FDSiCr
6
Actuator cover
Stainless steel 1.4404 (316L)
7
Spring support
Stainless steel 1.4308
8
Optical position indicator
Polysulfone PSU
3.3. Example of available membrane materials
The diaphragms have been developed to meet the unique challenges of hygienic and sterile requirements. Bürkert offers diaphragms
with precise material composition and high accuracy. Bürkert diaphragms are available in a wide range of materials which have been
tested and proven in applications in the food and beverage, biotechnology, pharmaceutical and cosmetics industries. The dia-
phragms are tested during development and production to ensure reliability under difficult process conditions.
• EPDM (AD)
• PTFE/EPDM (EA)
• advanced PTFE/EPDM (EU)
• Gylon®/EPDM laminated (ER)
For further information please refer to our flyer “Diaphragm competence for hygienic applications” on our website .



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com