| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMG39923 bảng dữ liệu(PDF) 35 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMG39923 bảng dữ liệu(HTML) 35 Page - OSRAM GmbH |
|
35 / 96 page ![]() Page 34 ams Datasheet Document Feedback [v1-06] 2018-Feb-27 TMG3992 − Detailed Description Figure 36: Simplified Power Calculation Equations tLED ON NS = tLED ON EW = GPULSE x (GPLEN + 1.5) tNS = tEW = 870 + GPULSE X (22 + 2 X (GPLEN + 1.5)) tGWAIT = 2.8ms X GWTIME tTOTAL =tNS + tEW + tGWAIT tLED x dcLED On Duty Cycle tDevice x dc Device Duty Cycle tWait x dc Wait Duty Cycle Note: The “870” value is conversion time + settling time. LDR t LED ON – NS – t LED ON – EW – + tTOTAL ---------------------------------------------------------------------------- × = 0.790 tNS tEW + tTOTAL ------------------------ × = 0.038 tGWAIT tTOTAL ------------------ × = Example Conditions 32 μs, 16pulses, 1 wait, 300mA i DEVICE ANALOG = 0.79mA I DEVICE DRIVE = 0.38mA tON = 16 x 33.5 = 536 μs tNS = 870 + 16 x (22 +(2 x 33.5)) = 2294 μs tNSEW = 2294 + 2294 = 4586 μs tGWAIT = 2800 μs tTOTAL= 2800+4586 = 8400 μs Duty Cycle LED ON = 536 + 536/7386 = 14.5% iPower LED ON = 14.5% * 300 = 43.5mA Duty Cycle Device = 4586/7386 = 62% iPower Device = 62% * 0.79 = 0.490mA Duty Cycle Wait = 2800/7386 = 38% i POWER WAIT =38% * 0.038 = 0.014mA i POWER TOTAL = 43.5 + 0.49 + 0.014 = 44mA |