công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMG39923 bảng dữ liệu(PDF) 73 Page - OSRAM GmbH

tên linh kiện TMG39923
Giải thích chi tiết về linh kiện  Gesture, Color, ALS, and Proximity Sensor Module with mobeam™ Barcode Emulation
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMG39923 bảng dữ liệu(HTML) 73 Page - OSRAM GmbH

Back Button TMG39923 Datasheet HTML 69Page - OSRAM GmbH TMG39923 Datasheet HTML 70Page - OSRAM GmbH TMG39923 Datasheet HTML 71Page - OSRAM GmbH TMG39923 Datasheet HTML 72Page - OSRAM GmbH TMG39923 Datasheet HTML 73Page - OSRAM GmbH TMG39923 Datasheet HTML 74Page - OSRAM GmbH TMG39923 Datasheet HTML 75Page - OSRAM GmbH TMG39923 Datasheet HTML 76Page - OSRAM GmbH TMG39923 Datasheet HTML 77Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 96 page
background image
Page 72
ams Datasheet
Document Feedback
[v1-06] 2018-Feb-27
TMG3992 − Register Description
Note(s):
1. The wait time register should be configured before GEN is asserted.
2. The time described by GWTIME is the actual signal integration time. The LED will be activated slightly longer (typically 1.33 μs) than
the integration time.
GWTIME
2:0
Gesture Wait Time. The GWTIME controls the amount of time in a low power
mode between gesture detection cycles
Field Value
WAIT TIME
000
0ms
001
2.8ms
010
5.6ms
011
8.4ms
100
14ms
101
22.4ms
110
30.8ms
111
39.2ms
Field
Bits
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96