công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TMF8805 bảng dữ liệu(PDF) 36 Page - OSRAM GmbH

tên linh kiện TMF8805
Giải thích chi tiết về linh kiện  Time-of-flight sensor
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TMF8805 bảng dữ liệu(HTML) 36 Page - OSRAM GmbH

Back Button TMF8805 Datasheet HTML 32Page - OSRAM GmbH TMF8805 Datasheet HTML 33Page - OSRAM GmbH TMF8805 Datasheet HTML 34Page - OSRAM GmbH TMF8805 Datasheet HTML 35Page - OSRAM GmbH TMF8805 Datasheet HTML 36Page - OSRAM GmbH TMF8805 Datasheet HTML 37Page - OSRAM GmbH TMF8805 Datasheet HTML 38Page - OSRAM GmbH TMF8805 Datasheet HTML 39Page - OSRAM GmbH TMF8805 Datasheet HTML 40Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 74 page
background image
TMF8805
Register description
Datasheet
• PUBLIC • Document Feedback
DS000692
• v7-00 • 2023-Dec-01
36 / 74
/
6.2.17
TID register (Address 0x1F)
Table 36: TID register
Addr: 0x1F
TID
Field
Name
Rst
Type
Description
7:0
tid
0
RO
Unique transaction ID, changes with every update of register map by TOF.
6.3
Object detection results
– if register register_contents = 0x55
(commands 0x02 or 0x03)
6.3.1
RESULT_NUMBER register (Address 0x20)
Table 37: RESULT_NUMBER register
Addr: 0x20
RESULT_NUMBER
Field
Name
Rst
Type
Description
7:0
result_num
0
RO
Result number, incremented every time there is a unique answer.
6.3.2
RESULT_INFO register (Address 0x21)
Table 38: RESULT_INFO register
Addr: 0x21
RESULT_INFO
Field
Name
Rst
Type
Description
7:0
measStatus
0
RO
When algImmediateInterrupt == 1
Will indicate the status of the measurement:
Reading
Meaning
0
Short distance capture interrupted, using previous short
distance only result
1
Short distance capture interrupted, using previous short
and long distance result



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74