| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TMD26721 bảng dữ liệu(PDF) 29 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TMD26721 bảng dữ liệu(HTML) 29 Page - OSRAM GmbH |
|
29 / 44 page ![]() Page 28 ams Datasheet Document Feedback [v1-00] 2015-Mar-23 TMD2672 − Principles of Operation Revision Register (0x11) The Revision Register shows the silicon revision number. It is a read-only register and shows the revision level of the silicon used internally. Figure 36: Revision Register ID Register (0x12) The ID Register provides the value for the part number. The ID Register is a read-only register. Figure 37: ID Register 7 6 5 4 32 10 Reserved DIE_REV Field Bits Description Reserved 7:4 Reserved Bits read as 0 DIE_REV 3:0 Die revision number Die revision number 7 6 5 4 32 10 ID Field Bits Description ID 7:0 Part number identification 0x32 = TMD26721 0x3B = TMD26723 |