| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS35303-2 bảng dữ liệu(PDF) 69 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS35303-2 bảng dữ liệu(HTML) 69 Page - OSRAM GmbH |
|
69 / 106 page ![]() Page 68 Datasheet, Public Document Feedback [v3-00] 2023-Jun-23 TCS3530 − Register O ver view MEAS_SEQR_STEP0_ALS Register Figure 94: MEAS_SEQR_STEP0_ALS Note(s): 1. Return to the Register Map (0xD8). MEAS_SEQR_STEP1_ALS Register Figure 95: MEAS_SEQR_STEP1_ALS Note(s): 1. Return to the Register Map (0xD9). Addr: 0xD8 MEAS_SEQR_STEP0_ALS Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP0_ MOD_ALS_ PATTERN 0xFF R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if an ALS measurement shall be executed with the respective modulator during measurement sequencer step 0. Addr: 0xD9 MEAS_SEQR_STEP1_ALS Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP1_ MOD_ALS_ PATTERN 0R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if an ALS measurement shall be executed with the respective modulator during measurement sequencer step 1. |