| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS3530 bảng dữ liệu(PDF) 91 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3530 bảng dữ liệu(HTML) 91 Page - OSRAM GmbH |
|
91 / 106 page ![]() Page 90 Datasheet, Public Document Feedback [v3-00] 2023-Jun-23 TCS3530 − Register O ver view FIFO_DATA Registers Figure 129: FIFO_DATA Note(s): 1. Return to the Register Map (0xFF). Addr: 0xFF FIFO_DATA Bit Field Reset Type Bit Description 7:0 FIFO_DATA 0 R The register FIFO_DATA can be read-out with single reads or with a block-read. Upon reading out FIFO_DATA, the internal FIFO read pointer is advanced and FIFO_LVL is decreased. A false reading upon the FIFO_LVL will return 0 and set the FIFO_UNDERFLOW flag. |