| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TCS3530 bảng dữ liệu(PDF) 66 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
TCS3530 bảng dữ liệu(HTML) 66 Page - OSRAM GmbH |
|
66 / 106 page ![]() Datasheet, Public Page 65 [v3-00] 2023-Jun-23 Document Feedback TCS3530 − Register Overview MEAS_SEQR_STEP2_FD Register Figure 88: MEAS_SEQR_STEP2_FD Note(s): 1. Return to the Register Map (0xD2). MEAS_SEQR_STEP3_FD Register Figure 89: MEAS_SEQR_STEP3_FD Note(s): 1. Return to the Register Map (0xD3). Addr: 0xD2 MEAS_SEQR_STEP2_FD Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP2_ MOD_FD_ PATTERN 0R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if a flicker measurement shall be executed with the respective modulator during measurement sequencer step 2. Addr: 0xD3 MEAS_SEQR_STEP3_FD Bit Field Reset Type Bit Description 7:0 MEASUREMENT_ SEQUENCER_ STEP3_ MOD_FD_ PATTERN 0R/W This register contains one bit for each modulator channel (LSB = modulator 0, MSB = modulator 7) which defines if a flicker measurement shall be executed with the respective modulator during measurement sequencer step 3. |