công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TCS3471 bảng dữ liệu(PDF) 28 Page - OSRAM GmbH

tên linh kiện TCS3471
Giải thích chi tiết về linh kiện  Color Light-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

TCS3471 bảng dữ liệu(HTML) 28 Page - OSRAM GmbH

Back Button TCS3471 Datasheet HTML 24Page - OSRAM GmbH TCS3471 Datasheet HTML 25Page - OSRAM GmbH TCS3471 Datasheet HTML 26Page - OSRAM GmbH TCS3471 Datasheet HTML 27Page - OSRAM GmbH TCS3471 Datasheet HTML 28Page - OSRAM GmbH TCS3471 Datasheet HTML 29Page - OSRAM GmbH TCS3471 Datasheet HTML 30Page - OSRAM GmbH TCS3471 Datasheet HTML 31Page - OSRAM GmbH TCS3471 Datasheet HTML 32Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ams Datasheet
Page 27
[v1-01] 2018-Mar-27
Document Feedback
TCS3471 − Application Information: Hardware
Typical Hardware Application
A typical hardware application circuit is shown in Figure 34.
A 1-
μF low-ESR decoupling capacitor should be placed as close
as possible to the VDD pin.
Figure 34:
Typical Application Hardware Circuit
VBUS in Figure 34 refers to the I²C bus voltage, which is either
VDD or 1.8 V. Be sure to apply the specified I²C bus voltage shown
in the Available Options table for the specific device being used.
The I²C signals and the Interrupt are open-drain outputs and
require pull-up resistors. The pull-up resistor (RP) value is a
function of the I²C bus speed, the I²C bus voltage, and the
capacitive load. The ams EVM running at 400 kbps, uses 1.5-k
Ω
resistors. A 10-k
Ω pull-up resistor (RPI) can be used for the
interrupt line.
Application Information:
Hardware
TCS3471
INT
SDA
SCL
VDD
1
mF
GND
VBUS
RP
RP
RPI
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39