công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SFH5721 bảng dữ liệu(PDF) 32 Page - OSRAM GmbH

tên linh kiện SFH5721
Giải thích chi tiết về linh kiện  Chip LED Digital Ambient Light Sensor
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH5721 bảng dữ liệu(HTML) 32 Page - OSRAM GmbH

Back Button SFH5721 Datasheet HTML 28Page - OSRAM GmbH SFH5721 Datasheet HTML 29Page - OSRAM GmbH SFH5721 Datasheet HTML 30Page - OSRAM GmbH SFH5721 Datasheet HTML 31Page - OSRAM GmbH SFH5721 Datasheet HTML 32Page - OSRAM GmbH SFH5721 Datasheet HTML 33Page - OSRAM GmbH SFH5721 Datasheet HTML 34Page - OSRAM GmbH SFH5721 Datasheet HTML 35Page - OSRAM GmbH SFH5721 Datasheet HTML 36Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 54 page
background image
SFH 5721
DATASHEET
DATASHEET
32 | Version 1.1 | 2022-02-28
IFLT2
OPERATION
0
Readout IR low side interrupt is cleared or not triggered yet.
1
Readout IR low side interrupt is triggered. The interrupt is cleared when IFLAG
(DATA1L*) register is read.
IFHT2
OPERATION
0
Readout IR high side interrupt is cleared or not triggered yet.
1
Readout IR high side interrupt is triggered. The interrupt is cleared when IFLAG
(DATA1L*) register is read.
IFLT3
OPERATION
0
Readout ALS low side interrupt is cleared or not triggered yet.
1
Readout ALS low side interrupt is triggered. The interrupt is cleared when IFLAG
(DATA1L*) register is read.
IFHT3
OPERATION
0
Readout ALS high side interrupt is cleared or not triggered yet.
1
Readout ALS high side interrupt is triggered. The interrupt is cleared when
IFLAG (DATA1L*) register is read.
* ICC bit (BIT5 in ICONF (0x03)) defines if interrupt is cleared by reading IFLAG or DATA1L register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54