công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AS7341L bảng dữ liệu(PDF) 43 Page - OSRAM GmbH

tên linh kiện AS7341L
Giải thích chi tiết về linh kiện  10-Channel Spectral Sensor Frontend
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OSRAM [OSRAM GmbH]
Trang chủ  http://www.osram.com
Logo OSRAM - OSRAM GmbH

AS7341L bảng dữ liệu(HTML) 43 Page - OSRAM GmbH

Back Button AS7341L Datasheet HTML 39Page - OSRAM GmbH AS7341L Datasheet HTML 40Page - OSRAM GmbH AS7341L Datasheet HTML 41Page - OSRAM GmbH AS7341L Datasheet HTML 42Page - OSRAM GmbH AS7341L Datasheet HTML 43Page - OSRAM GmbH AS7341L Datasheet HTML 44Page - OSRAM GmbH AS7341L Datasheet HTML 45Page - OSRAM GmbH AS7341L Datasheet HTML 46Page - OSRAM GmbH AS7341L Datasheet HTML 47Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 65 page
background image
Document Feedback
AS7341L
Register Description
Datasheet
• PUBLIC
DS000718
• v1-00 • 2020-May-25
64
│ 42
10.2.6
Device Status Register
The following register provide status of the device and indicate details about saturation, interrupts,
over temperature and device execution.
STAT Register (Address 0x71)
Figure 59:
STAT Register
Addr: 0x71
STAT
Bit
Bit Name
Default
Access
Bit Description
7:2
reserved
0
RW
reserved
1
WAIT_SYNC
0
R
1: Device waits for sync pulse on GPIO to start
integration (SYNS / SYND INT_mode)
0
READY
0
R
0: Spectral measurement status is busy
1: Spectral measurement status is ready



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65