| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AS7225 bảng dữ liệu(PDF) 46 Page - OSRAM GmbH |
|
|
|||||||||||||||||||||||||||||
AS7225 bảng dữ liệu(HTML) 46 Page - OSRAM GmbH |
|
46 / 76 page ![]() Document Feedback AS7225 Register Description Datasheet • PUBLIC DS000496 • v2-00 • 2019-Jun-28 75 │ 45 Figure 60: COEF_WRITE Register Addr: 0x55 (R/W) COEF_WRITE Bit Bit Name Default Access Bit Description 7:0 COEF_WRITE - R/W Set sub addresses to write different calibration data from COEF_DATA registers to persistent memory 0x00 - 0x08: Production matrix 0x10 - 0x18: Application matrix 0x30: Norm gain (UINT8 - ADDR 0x50) 0x31: Norm integration time (UINT8 - ADDR 0x50) 0x32: Set IR scalar X 0x33: Set IR scalar Y 0x34: Set IR scalar Z 0x35: ALS scalar K0 (TSL2572 only) 0x36: ALS scalar K1 (TSL2572 only) Value out of range: 0xFFFFFFFF - NaN (Error) 10.2.17 Calibrated XYZ Result Registers (Addresses 0x14:0x17, 0x18:0x1B, 0x1C:0x1F) Figure 61: Calibrated X Result Register Addr: 0x14:0x17 Cal_X Bit Bit Name Default Access Bit Description 31:0 Cal_X - R Calibrated X data (4-byte floating point) |