| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
8652 bảng dữ liệu(PDF) 1 Page - Christian Bürkert GmbH & Co. KG |
|
|
|||||||||||||||||||||||||||||
8652 bảng dữ liệu(HTML) 1 Page - Christian Bürkert GmbH & Co. KG |
|
1 / 11 page ![]() Visit product website DATA SHEET Type ME43 Fieldbus gateway Type 8741 Mass flow controller (MFC)/mass flowmeter (MFM) for gases Type 8652 AirLINE - the valve island optimised for process automation Type 8316 Pressure measuring device Type 6027 Direct-acting 2/2 way plunger valve Standard | EU | en | 202304 | 12 I/O module, IP20 • Configurable input and output modules for analogue and digital signals • Integrated diagnostic possibilities such as wire break, short circuit detection • Installation and disassembly without tools • Colour-coded push-in connectors to avoid wiring errors • Available modules: 8DI, 8DO, 4AI, 4AO Bürkert I/O modules Type ME44 for extending the fieldbus gateway Type ME43 are used both to capture sensor signals and to specify set-point values or switching operations. The analogue modules read analogue sensor signals (e.g. from pressure transmitters) or specify analogue set-point values (e.g. for a flow controller). The further processing of input signals, e.g. via a fieldbus to a higher field level, or the targeted output of set-point signals is configured via the fieldbus gateway Type (ME43). The digital modules can be used for the feedback of switches or the output of switching signals. Once again, a configuration in Type ME43 specifies how these inputs and outputs are processed or controlled. The I/O modules Type ME44 are plugged onto a so-called backplane, which in turn is connected to the gateway Type ME43. Up to nine modules Type ME44 can be connected via three backplanes to one gateway Type ME43. Electronic modules Type ME43 and ME44 are part of the Bürkert EDIP (Effi- cient Device Integration Platform) concept. They facilitate the integration of field level devices (e.g. valves or sensors) in the higher control level. All I/Os of the modules comply with IEC 61131-2. Product variants described in the data sheet may differ from the product presentation and description. Type description Can be combined with Type ME44 © Christian Bürkert GmbH & Co. KG, Subject to alteration |
Số phần tương tự - 8652 |
|
Mô tả tương tự - 8652 |
|
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |