công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8652 bảng dữ liệu(PDF) 3 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 8652
Giải thích chi tiết về linh kiện  I/O module, IP20
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8652 bảng dữ liệu(HTML) 3 Page - Christian Bürkert GmbH & Co. KG

  8652 Datasheet HTML 1Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8652 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Type ME44
3 | 11
Visit product website 
1.
General technical data
1.1. I/O-Module
Product properties
Dimensions
Detailed information can be found in chapter “2. Dimensions” on page .
Weight
0.300 kg
Material
Body
Polycarbonate
LED Status
RGB LED based on NAMUR NE107, status LEDs per channel
Approvals and certificates
Zulassung
CE
Safety
UL
Safety
EMC
EN 61326-1, EN-61000-6-2, EN-61000-6-4
Environment and installation
Ambient temperature
- 20 °C…+ 60 °C
Storage temperature
- 30 °C…+ 80 °C
Degree of protection
IP20 acc. to EN 60529 / IEC 60529
Height above sea level (environment)
Max. 2000 m
1.2. 4AI-Module (Analogue input module)
Product properties
Configurable input (AI as DI)
AI can also be used as DI (configuration via Software Tool Communicator )
Diagnosis
Detection of error conditions (at 3.5 mA and 22 mA according to NAMUR NE43)
Detection of an interruption in current input (open loop)
Safety
Reverse polarity protection, protection against over voltage (up to at least ± 30 V)
Electrical data
Electrical version
Current input or voltage input
Operating voltage
24 V DC +/- 10 % (via Backplane BPX3)
Cross-section of connectable con-
ductors
0.20…1.5 mm² / AWG 16…24
Operating mode
0…20 mA
4…20 mA
0…10 V
0…5 V
0…2 V
Accuracy
± 0.1 % Full Scale Range (FSR)
Temperature coefficient:
Current input: ± 35 ppm FSR/K
Voltage input: ± 40 ppm FSR/K
Input impedance
Current measurement at 25 °C ≤ 110 Ohm
Voltage measurement at 25 °C ≥ 115 kOhm
Maximum sensor supply
50 mA per channel
Max. current of module
25 mA
Electrical isolation
For system bus on backplane, no separation between the inputs, all channels have a com-
mon reference potential



Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com