công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

8741 bảng dữ liệu(PDF) 6 Page - Christian Bürkert GmbH & Co. KG

tên linh kiện 8741
Giải thích chi tiết về linh kiện  Mass flow controller (MFC)/mass flow meter (MFM) for gases
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  BURKERT [Christian Bürkert GmbH & Co. KG]
Trang chủ  https://www.burkert.com/en
Logo BURKERT - Christian Bürkert GmbH & Co. KG

8741 bảng dữ liệu(HTML) 6 Page - Christian Bürkert GmbH & Co. KG

Back Button 8741 Datasheet HTML 2Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 3Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 4Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 5Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 6Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 7Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 8Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 9Page - Christian Bürkert GmbH & Co. KG 8741 Datasheet HTML 10Page - Christian Bürkert GmbH & Co. KG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Type 8741
6 | 24
Visit product website 
2.6. Oxygen
Conformity
Description
Optional: Suitability for oxygen (valid for the variable code NL02)
The products are suitable for use with gaseous oxygen, according to the manufacturer‘s declaration.
3.
Materials
3.1. Bürkert resistApp
Bürkert resistApp – Chemical Resistance Chart
You want to ensure the reliability and durability of the materials in your individual application
case? Verify your combination of media and materials on our website or in our resistApp.
Start Chemical Resistance Check
4.
Dimensions
4.1. Thread depths of base blocks
MFC/MFM for small nominal flow rates
Note:
The following table applies to base blocks C0…C4.
Thread (A)
Thread depth [mm]
G ¼
12
NPT ¼
12
G ⅛
12
NPT ⅛
12
MFC/MFM for large nominal flow rates
Note:
The following table applies to base block C5.
Thread (A)
Thread depth [mm]
G ¼
12
NPT ¼
11
G ⅜
12
NPT ⅜
11
G ½
15
NPT ½
14
G ¾
16
NPT ¾
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24