| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ACT88321 bảng dữ liệu(PDF) 10 Page - Qorvo, Inc |
|
|
|||||||||||||||||||||||||||||
ACT88321 bảng dữ liệu(HTML) 10 Page - Qorvo, Inc |
|
10 / 55 page ![]() ACT88321 Advanced PMIC with 3 Bucks, 2 LDOs, and Load Bypass Switches Datasheet Rev. D , June 17, 2022 | Subject to change without notice 10 of 55 www.qorvo.com ® Thermal Shutdown Temperature TSD_SHUTDWN Temperature rising 155 °C Thermal Shutdown Hysteresis 30 °C Startup Delay after initial AVIN Time from AVIN > UVLO threshold to start of first regulator turning On. (zero turn on delay setting) nSaveIQQ=1 620 750 µs Time from AVIN > UVLO threshold to start of first regulator turning On. (zero turn on delay setting) nSaveIQQ=0 920 1150 µs Thermal Interrupt Threshold, TSD_ALERT Temperature rising - Referenced to TSD_SHUTDWN TSD_SHUTDWN - 30 °C Thermal Interrupt Hysteresis 20 °C Transition time from Deep Sleep (DPSLP) State to Active State Time from PWREN pin low to high tran- sition to time when the first regulator turns ON with minimum turn on delay configuration. 224 500 µs Using I2C 84 µs Transition time from Active State to Deep Sleep (DPSLP) State Time from PWREN pin high to low tran- sition to time when the first regulator turns OFF with minimum turn on delay configuration. 224 500 µs Using I2C 84 µs Transition time from Sleep State (SLEEP) to Active State Time from I2C command to clear sleep mode to time when the first regulator turns ON with minimum turn on delay configuration. 84 µs Time to first power rail turn off Time from turn Off command to when the first power rail turns off with mini- mum turn off delay configuration 180 µs Startup Delay Programmable Range ONDLY=000 ONDLY=001 ONDLY=010 ONDLY=011 ONDLY=100 ONDLY=101 ONDLY=110 ONDLY=111 0 0.5 1 2 4 8 16 32 ms Turn Off Delay Programmable Range OFFDLY=000 OFFDLY=001 OFFDLY=010 OFFDLY=011 OFFDLY=100 OFFDLY=101 OFFDLY=110 OFFDLY=111 0 0.5 1 2 4 8 16 32 ms |