công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATA6827 bảng dữ liệu(PDF) 6 Page - ATMEL Corporation

tên linh kiện ATA6827
Giải thích chi tiết về linh kiện  High Temperature Triple Half-bridge Driver with Serial Input Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6827 bảng dữ liệu(HTML) 6 Page - ATMEL Corporation

Back Button ATA6827 Datasheet HTML 2Page - ATMEL Corporation ATA6827 Datasheet HTML 3Page - ATMEL Corporation ATA6827 Datasheet HTML 4Page - ATMEL Corporation ATA6827 Datasheet HTML 5Page - ATMEL Corporation ATA6827 Datasheet HTML 6Page - ATMEL Corporation ATA6827 Datasheet HTML 7Page - ATMEL Corporation ATA6827 Datasheet HTML 8Page - ATMEL Corporation ATA6827 Datasheet HTML 9Page - ATMEL Corporation ATA6827 Datasheet HTML 10Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6
4912C–AUTO–10/06
ATA6827 [Preliminary]
3.2
Power-supply Fail
In case of undervoltage at pin VS, the Power-Supply Fail bit (PSF) in the output register is set
and all outputs are disabled. To detect an undervoltage, its duration has to be longer than the
undervoltage detection delay time t
dUV. The outputs are enabled immediately when supply volt-
age recovers to a normal operating value. The PSF bit stays high until it is reset by the SRR
(Status Register Reset) bit in the input register.
3.3
Open-load Detection
If the current through a high-side or low-side switch in the ON-state stays below the open-load
detection threshold, the open-load detection bit (OPL) in the output register is set.
The OPL bit stays high until it is reset by the SRR bit in the input register. To detect an open
load, its duration has to be longer than the open-load detection delay time t
dSd.
3.4
Overtemperature Protection
If the junction temperature of one or more output stages exceeds the thermal prewarning thresh-
old, T
jPW set, the temperature prewarning bit (TP) in the output register is set. When the
temperature falls below the thermal prewarning threshold, T
jPW reset, the bit TP is reset. The TP
bit can be read without transferring a complete 16-bit data word. The status of TP is available at
pin DO with the falling edge of CS. After the microcontroller has read this information, CS is set
high and the data transfer is interrupted without affecting the status of input and output registers.
If the junction temperature of one or more output stages exceeds the thermal shutdown thresh-
old, T
j switch off, all outputs are disabled and the corresponding bits in the output register are set to
low. The outputs can be enabled again when the temperature falls below the thermal shutdown
threshold, T
jswitch on and the SRR bit in the input register is set to high. Hysteresis of thermal pre-
warning and shutdown threshold avoids oscillations.
3.5
Short-circuit Protection
The output currents are limited by a current regulator. Overcurrent detection is activated by writ-
ing a high to the OCS (Overcurrent Shutdown) bit in the input register. When the current in an
output stage exceeds the overcurrent limitation and shutdown threshold, it is switched off after a
delay time (t
dSd). The short-circuit detection bit (SCD) is set and the corresponding status bit in
the output register is set to low. For OCS = low the overcurrent shutdown is inactive. The SCD
bit is also set if the current exceeds the overcurrent limitation and shutdown threshold, but the
outputs are not affected. By writing a high to the SRR bit in the input register the SCD bit is reset
and the disabled outputs are enabled.
3.6
Inhibit
Applying 0V to pin 8 (INH) inhibits the ATA6827.
All output switches are then turned off and switched to tri-state. The data in the output register is
deleted. The output switches can be activated again by switching pin 8 (INH) to 5V which ini-
tiates an internal power-on reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com