công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATA6827 bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện ATA6827
Giải thích chi tiết về linh kiện  High Temperature Triple Half-bridge Driver with Serial Input Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA6827 bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  ATA6827 Datasheet HTML 1Page - ATMEL Corporation ATA6827 Datasheet HTML 2Page - ATMEL Corporation ATA6827 Datasheet HTML 3Page - ATMEL Corporation ATA6827 Datasheet HTML 4Page - ATMEL Corporation ATA6827 Datasheet HTML 5Page - ATMEL Corporation ATA6827 Datasheet HTML 6Page - ATMEL Corporation ATA6827 Datasheet HTML 7Page - ATMEL Corporation ATA6827 Datasheet HTML 8Page - ATMEL Corporation ATA6827 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5
4912C–AUTO–10/06
ATA6827 [Preliminary]
Table 3-2.
Output Data Protocol
Bit
Output (Status)
Register
Function
0
TP
Temperature prewarning: high = warning
1
Status LS1
High = output is on, low = output is off; not affected by SRR
2
Status HS1
High = output is on, low = output is off; not affected by SRR
3
Status LS2
Description see LS1
4
Status HS2
Description see HS1
5
Status LS3
Description see LS1
6
Status HS3
Description see HS1
7
n. u.
Not used
8
n. u.
Not used
9
n. u.
Not used
10
n. u.
Not used
11
n. u.
Not used
12
n. u.
Not used
13
SCD
Short circuit detected: set high when at least one high-side or low-side
switch is switched off by a short-circuit condition. Bits 1 to 6 can be used
to detect the shorted switch.
14
OPL
Open load detected: set high, when at least one active high-side or
low-side switch sinks/sources a current below the open load threshold
current.
15
PSF
Power-supply fail: undervoltage at pin VS detected
After power-on reset, the input register has the following status:
Bit 15 Bit 14
Bit 13
(OCS)
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
(HS3)
Bit 5
(LS3)
Bit 4
(HS2)
Bit 3
(LS2)
Bit 2
(HS1)
Bit 1
(LS1)
Bit 0
(SRR)
x
x
H
xxxxxx
LLLL
L
L
L
The following patterns are used to enable internal test modes of the IC. It is not recommended to use these patterns during
normal operation.
Bit 15 Bit 14
Bit 13
(OCS)
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
(HS3)
Bit 5
(LS3)
Bit 4
(HS2)
Bit 3
(LS2)
Bit 2
(HS1)
Bit 1
(LS1)
Bit 0
(SRR)
H
H
H
H
H
LLLLLLLL
L
L
L
H
H
H
L
L
H
H
LLLLLL
L
L
L
H
H
H
LLLL
H
H
LLLL
L
L
L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com